Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 227Page - Renesas Technology Corp SH7708 Datasheet HTML 228Page - Renesas Technology Corp SH7708 Datasheet HTML 229Page - Renesas Technology Corp SH7708 Datasheet HTML 230Page - Renesas Technology Corp SH7708 Datasheet HTML 231Page - Renesas Technology Corp SH7708 Datasheet HTML 232Page - Renesas Technology Corp SH7708 Datasheet HTML 233Page - Renesas Technology Corp SH7708 Datasheet HTML 234Page - Renesas Technology Corp SH7708 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 633 page
background image
213
Bit 1—Refresh Mode (RMODE): Selects whether to perform an ordinary refresh or a self-refresh
when the RFSH bit is 1. When the RFSH bit is 1 and this bit is 0, a CAS-before-RAS refresh or an
auto-refresh is performed on DRAM, synchronous DRAM or pseudo-SRAM at the period set by
the refresh-related registers RTCNT, RTCOR and RTCSR. When a refresh request occurs during
an external bus cycle, the bus cycle will be ended and the refresh cycle performed. When the
RFSH bit is 1 and this bit is also 1, the DRAM, synchronous DRAM or pseudo-SRAM will wait
for the end of any executing external bus cycle before going into a self-refresh. All refresh
requests to memory that is in the self-refresh state are ignored.
Bit 1: RMODE
Description
0
CAS-before-RAS refresh (RFSH must be 1)
(Initial value)
1
Self-refresh (RFSH must be 1)
Bit 0— Extended Data Out (EDOMODE): Specifies the timing of data sampling during data reads
when using DRAM in EDO mode. Operating timing of memory other than DRAM does not
change even if this bit is set. This bit is valid only for DRAM connected to area 3. Do not set this
bit to 1 when using synchronous DRAM or pseudo-SRAM.
Bit 0: EDOMODE
Description
0
Set when using normal DRAM. Data is sampled during read cycle on the
falling edge of CKIO.
(Initial value)
1
Set when using EDO mode DRAM. Data is sampled during read cycle on the
rising edge of CKIO. Also, RAS signal negation is delayed 1/2 a CKIO
machine cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com