Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 222Page - Renesas Technology Corp SH7708 Datasheet HTML 223Page - Renesas Technology Corp SH7708 Datasheet HTML 224Page - Renesas Technology Corp SH7708 Datasheet HTML 225Page - Renesas Technology Corp SH7708 Datasheet HTML 226Page - Renesas Technology Corp SH7708 Datasheet HTML 227Page - Renesas Technology Corp SH7708 Datasheet HTML 228Page - Renesas Technology Corp SH7708 Datasheet HTML 229Page - Renesas Technology Corp SH7708 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 633 page
background image
208
Bits 6 and 5—Area 3 Wait Control (A3W1, A3W0): These bits specify the number of wait states
inserted in physical space area 3. External wait input is enabled only when normal memory is
used, and is ignored when DRAM, synchronous DRAM, or pseudo-SRAM is used.
• For Normal Memory
Description
Bit 6: A3W0
Bit 5: A3W0
Inserted Wait States
WAIT Pin
0
0
0
Ignored
1
1
Enabled
1
0
2
Enabled
1
3
Enabled
(Initial value)
• For DRAM, SDRAM, Pseudo-SRAM
Description
Bit 6: A3W1
Bit 5: A3N0
DRAM:
CAS
Assert Period
SDRAM: CAS
Latency
PSRAM:
OE, WE
Assert Period
00
1
1
1
11
1
1
10
2
2
2
1
3
3
3
(Initial value)
Bits 4 and 3—Areas 1 and 2 Wait Control (A1–2W1, A1–2W0): These bits specify the number of
wait states inserted in physical space areas 1 and 2. External wait input is enabled only when
normal memory is used, and is ignored when DRAM or synchronous DRAM is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com