Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp SH7708 Datasheet HTML 215Page - Renesas Technology Corp SH7708 Datasheet HTML 216Page - Renesas Technology Corp SH7708 Datasheet HTML 217Page - Renesas Technology Corp SH7708 Datasheet HTML 218Page - Renesas Technology Corp SH7708 Datasheet HTML 219Page - Renesas Technology Corp SH7708 Datasheet HTML 220Page - Renesas Technology Corp SH7708 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 633 page
background image
199
Table 10.5
PCMCIA Support Interface (cont)
IC Memory Card Interface
I/O Card Interface
SH7708 Series
Pin Signal
I/O
Function
Signal
I/O
Function
Pin
59
WAIT
O
Wait request
WAIT
O
Wait request
WAIT
60
RFU
Reserved
INPACK
O
Input acknowledge
—
61
REG
I
Attribute memory
space select
REG
I
Attribute memory
space select
Output from
port
62
BVD2
O
Battery voltage
detection
SPKR
O
Digital voice signal
Sensed at port
63
BVD1
O
Battery voltage
detection
STSCHG
O
Card status
change
Sensed at port
64
D8
I/O
Data
D8
I/O
Data
D8
65
D9
I/O
Data
D9
I/O
Data
D9
66
D10
I/O
Data
D10
I/O
Data
D10
67
CD2
O
Card detection
CD2
O
Card detection
Sensed at port
68
GND
Ground
GND
Ground
—
Note: * The SH7708 Series does not provide WP support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com