Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 209Page - Renesas Technology Corp SH7708 Datasheet HTML 210Page - Renesas Technology Corp SH7708 Datasheet HTML 211Page - Renesas Technology Corp SH7708 Datasheet HTML 212Page - Renesas Technology Corp SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp SH7708 Datasheet HTML 215Page - Renesas Technology Corp SH7708 Datasheet HTML 216Page - Renesas Technology Corp SH7708 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 633 page
background image
195
Area 0: H'00000000
Area 1: H'04000000
Area 2: H'08000000
Area 3: H'0C000000
Area 4: H'10000000
Area 5: H'14000000
The PCMCIA interface is for
the memory card only
Only DRAM with a 16-bit bus
can be connected to area 2
The PCMCIA interface is shared
by the memory and I/O card
Area 6: H'18000000
Normal memory/
burst ROM
Normal memory
Normal memory/
synchronous DRAM, DRAM
Normal memory/synchronous
DRAM, DRAM, pseudo-SRAM
Normal memory
Normal memory/
burst ROM/PCMCIA
Normal memory/
burst ROM/PCMCIA
Figure 10.3 Physical Space Allocation
Memory Size: The memory size in the SH7708Series can be set for each area. In area 0, an
external pin can be used to select byte (8 bits), word (16 bits), or longword (32 bits). The
relationship between the external pins (MD4 and MD3) and the bus width after a power-on reset is
as follows.
MD4
MD3
Bus Width
0
0
Reserved (do not set)
1
8 bits
1
0
16 bits
1
32 bits
For areas 1–6, byte, word, and longword may be chosen for the bus width using bus control
register 2 (BCR2) whenever normal memory, ROM, burst ROM, or the PCMCIA interface is
used. When the DRAM or pseudo-SRAM interfaces are used, word or longword can be chosen as
the bus width using the individual memory control register (MCR). Set the bus width to longword
with MCR for synchronous DRAM interfaces.
When area 2 is used as a DRAM area, set the bus widths of areas 2 and 3 to word. When areas 5
and 6 are used as PCMCIA interfaces, set the bus width to byte or word. When using the port
function, set each of the bus widths to byte or word for all areas. For more information, see section
10.2.2, Bus Control Register 2 (BCR2), and section 10.2.5, Individual Memory Control Register
(MCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com