Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 208Page - Renesas Technology Corp SH7708 Datasheet HTML 209Page - Renesas Technology Corp SH7708 Datasheet HTML 210Page - Renesas Technology Corp SH7708 Datasheet HTML 211Page - Renesas Technology Corp SH7708 Datasheet HTML 212Page - Renesas Technology Corp SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp SH7708 Datasheet HTML 215Page - Renesas Technology Corp SH7708 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 633 page
background image
194
Table 10.3
Physical Address Space Map
Area Physical Address
Connectable Memory
Capacity
Access Size
0
H'00000000 to H'03FFFFFF
Normal memory*1, burst
64 Mbytes 8, 16, 32*2
H'00000000 + H'20000000
× n to
H'03FFFFFF + H'20000000
× n
ROM
Shadow
n: 1–6
1
H'04000000 to H'07FFFFFF
Normal memory
64 Mbytes 8, 16, 32*3
H'04000000 + H'20000000
× n to
H'07FFFFFF + H'20000000
× n
Shadow
n: 1–6
2
H'08000000 to H'0BFFFFFF
Normal memory,
64 Mbytes 8, 16, 32*3, *4
H'08000000 + H'20000000
× n to
H'0BFFFFFF + H'20000000
× n
synchronous DRAM, DRAM
Shadow
n: 1–6
3
H'0C000000 to H'0FFFFFFF
Normal memory,
64 Mbytes 8, 16, 32*3, *5
H'0C000000 + H'20000000
× n to
H'0FFFFFFF + H'20000000
× n
synchronous DRAM, DRAM,
pseudo-SRAM
Shadow
n: 1–6
4
H'10000000 to H'13FFFFFF
Normal memory
64 Mbytes 8, 16, 32*3
H'10000000 + H'20000000
× n to
H'13FFFFFF + H'20000000
× n
Shadow
n: 1–6
5*5
H'14000000 to H'15FFFFFF
Normal memory, PCMCIA,
32 Mbytes 8, 16, 32 *3, *6
H'16000000 to H'17FFFFFF
burst ROM
32 Mbytes
H'14000000 + H'20000000
× n to
H'17FFFFFF + H'20000000
× n
Shadow
n: 1–6
6
H'18000000 to H'19FFFFFF
Normal memory, PCMCIA,
32 Mbytes 8, 16, 32 *3, *6
H'1A000000 to H'1BFFFFFF
burst ROM
H'18000000 + H'20000000
× n to
H'1BFFFFFF + H'20000000
× n
Shadow
n: 1–6
7*7
H'1C000000 + H'20000000
× n
to H'1FFFFFFF + H'20000000
× n
Reserved area
n: 0–7
Notes: 1. Memory with an SRAM, ROM, or similar interface
2. Memory bus width specified by external pin
3. Memory bus width specified by register
4. With synchronous DRAM interface, bus width is 32 bits only.
With DRAM interface, bus width is 16 bits only.
5. With synchronous DRAM interface, bus width is 32 bits only.
With DRAM and pseudo-SRAM interface, bus width is either 16 or 32 bits only. When
areas 2 and 3 are both DRAM interface areas, bus width is 16 bits only.
6. With PCMCIA interface, bus width is either 8 or 16 bits only.
7. Do not access a reserved area, as operation cannot be guaranteed in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com