Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 206Page - Renesas Technology Corp SH7708 Datasheet HTML 207Page - Renesas Technology Corp SH7708 Datasheet HTML 208Page - Renesas Technology Corp SH7708 Datasheet HTML 209Page - Renesas Technology Corp SH7708 Datasheet HTML 210Page - Renesas Technology Corp SH7708 Datasheet HTML 211Page - Renesas Technology Corp SH7708 Datasheet HTML 212Page - Renesas Technology Corp SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 633 page
background image
192
10.1.4
Register Configuration
The BSC has 11 registers (table 10.2). The synchronous DRAM also has a built-in synchronous
DRAM mode register. These registers control direct connection interfaces to memory, wait states,
refreshes, and PCMCIA devices.
Table 10.2
Register Configuration
Name
Abbr.
R/W
Initial Value*
2
Address
Bus Width
Bus control register 1
BCR1
R/W
H'0000
H'FFFFFF60
16
Bus control register 2
BCR2
R/W
H'3FFC
H'FFFFFF62
16
Wait state control register 1
WCR1
R/W
H'3FFF
H'FFFFFF64
16
Wait state control register 2
WCR2
R/W
H'FFFF
H'FFFFFF66
16
Individual memory control register
MCR
R/W
H'0000
H'FFFFFF68
16
DRAM control register
DCR
R/W
H'0000
H'FFFFFF6A
16
PCMCIA control register
PCR
R/W
H'0000
H'FFFFFF6C
16
Refresh timer control/status register RTCSR
R/W
H'0000
H'FFFFFF6E
16
Refresh timer counter
RTCNT
R/W
H'0000
H'FFFFFF70
16
Refresh time constant register
RTCOR
R/W
H'0000
H'FFFFFF72
16
Refresh count register
RFCR
R/W
H'0000
H'FFFFFF74
16
SDRAM mode register, area 2
SDMR
W
H'FFFFD000–
H'FFFFDFFF
8
SDRAM mode register, area 3
H'FFFFE000–
H'FFFFEFFF
Notes: 1. For details see section 10.2.8, Synchronous DRAM Mode Register.
2. Initialized during a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com