Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 210Page - Renesas Technology Corp SH7708 Datasheet HTML 211Page - Renesas Technology Corp SH7708 Datasheet HTML 212Page - Renesas Technology Corp SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp SH7708 Datasheet HTML 215Page - Renesas Technology Corp SH7708 Datasheet HTML 216Page - Renesas Technology Corp SH7708 Datasheet HTML 217Page - Renesas Technology Corp SH7708 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 633 page
background image
196
Shadow Space: Areas 0–6 are decoded by physical address bits A28–A26, which correspond to
areas 000 to 110. Address bits 31–29 are ignored. This means that the range of area 0 addresses,
for example, is H'00000000 to H'03FFFFFF, and its corresponding shadow space is the address
space obtained by adding to it H'20000000
× n (n = 1–6). The address range for area 7, which is
on-chip I/O space, is H'FC000000 to H'FFFFFFF. The address space H'1C000000 + H'20000000
×
n–H'1FFFFFFF + H'20000000
× n (n = 0–6) corresponding to the area 7 shadow space is reserved,
so should not be used.
10.1.6
PCMCIA Support
The SH7708 Series supports PCMCIA standard interface specifications in physical space areas 5
and 6.
The interface supported is basically the IC memory card interface and I/O card interface defined
by PCMCIA Specifications Version 4.2. In addition, burst access is supported to enable high-
speed access.
Physical space area 5 supports the IC memory card interface only; area 6 supports both the IC
memory card interface and the I/O card interface.
Table 10.4
PCMCIA Interface Characteristics
Item
Characteristics
Access
Random access + burst access (ROM page mode correspondence added)
Data bus
8/16 bits
Memory type
Mask ROM, OTPROM, EPROM, EEPROM, flash memory, SRAM
Memory capacity
Maximum 32 Mbytes
I/O section capacity
Maximum 32 Mbytes
Other
Supports dynamic I/O bus sizing* and access to PCMCIA interface from
both the address translation area and non-address translation area
Note: * Dynamic I/O bus sizing is supported only in little-endian mode.
Common memory/Attribute memory
Area 5: H'14000000
Area 5: H'16000000
Common memory/Attribute memory
Area 6: H'18000000
I/O space
Area 6: H'1A000000
Figure 10.4 PCMCIA Space Allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com