Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 207Page - Renesas Technology Corp SH7708 Datasheet HTML 208Page - Renesas Technology Corp SH7708 Datasheet HTML 209Page - Renesas Technology Corp SH7708 Datasheet HTML 210Page - Renesas Technology Corp SH7708 Datasheet HTML 211Page - Renesas Technology Corp SH7708 Datasheet HTML 212Page - Renesas Technology Corp SH7708 Datasheet HTML 213Page - Renesas Technology Corp SH7708 Datasheet HTML 214Page - Renesas Technology Corp SH7708 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 633 page
background image
193
10.1.5
Area Overview
Space Allocation: The SH7708 Series architecture provides for a 32-bit virtual address space. The
virtual space is divided into five areas by the value of the upper bits of the address. The physical
space is divided into eight areas with a 29-bit address space.
Virtual space can be allocated at will to physical spaces using a memory management unit
(MMU). For details, refer to section 3, Memory Management Unit, which describes area
allocation for physical spaces.
As shown in table 10.4, the SH7708 Series can be connected directly to seven areas of memory/PC
card, and it outputs chip select signals (
CS0–CS6, CE2A, CE2B) for each of them. CS0 is asserted
during area 0 access;
CS6 is asserted during area 6 access. When DRAM, synchronous DRAM, or
pseudo-SRAM is connected to area 2 or 3, signals such as
RAS, CAS, RD/WR, and DQM are also
asserted. When PCMCIA interface is selected in area 5 or 6, in addition to
CS5/CS6, CE2A/CE2B
are asserted for the corresponding bytes accessed.
For virtual address spaces P0 and P3, when the memory management unit (MMU) is on, any
physical address can be generated by the MMU for a virtual address. Consequently, figure 10.2
can be applied when the MMU is off, and when the MMU is on and the physical addresses
corresponding to virtual addresses are identical except for the top 3 bits. When virtual addresses
are translated to arbitrary physical addresses, refer to table 10.3, Physical Address Space Map.
,,,,
,,,
,,,
,,,,
,,,,
,,,,
,,,,
,,,,
,,,,
,,,,
Area 0 (
CS0)
Area 1 (
CS1)
Area 2 (
CS2)
Area 3 (
CS3)
Area 4 (
CS4)
Area 5 (
CS5)
Area 6 (
CS6)
H'00000000
H'20000000
H'40000000
H'60000000
H'80000000
H'A0000000
H'C0000000
H'E0000000
H'00000000
H'04000000
H'08000000
H'0C000000
H'10000000
H'14000000
H'18000000
Reserved area
Physical address space
Virtual address space
P0, U0
P1
P2
P3
P4
Figure 10.2 Correspondence between Virtual Address Space and Physical Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com