Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 3Page - ATMEL Corporation AT52SC1283J Datasheet HTML 4Page - ATMEL Corporation AT52SC1283J Datasheet HTML 5Page - ATMEL Corporation AT52SC1283J Datasheet HTML 6Page - ATMEL Corporation AT52SC1283J Datasheet HTML 7Page - ATMEL Corporation AT52SC1283J Datasheet HTML 8Page - ATMEL Corporation AT52SC1283J Datasheet HTML 9Page - ATMEL Corporation AT52SC1283J Datasheet HTML 10Page - ATMEL Corporation AT52SC1283J Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
6.9
Reset
A RESET input pin is provided to ease some system applications. When RESET is at a logic
high level, the device is in its standard operating mode. A low level on the RESET pin halts the
present device operation and puts the outputs of the device in a high-impedance state. When a
high level is reasserted on the RESET pin, the device returns to read mode.
6.10
Erase
Before a word can be reprogrammed it must be erased. The erased state of the memory bits is a
logical “1”. The entire memory can be erased by using the Chip Erase command or individual
planes can be erased by using the Plane Erase command or individual sectors can be erased by
using the Sector Erase command.
6.10.1
Chip Erase
Chip Erase is a two-bus cycle operation. The automatic erase begins on the rising edge of the
last WE pulse. Chip Erase does not alter the data of the protected sectors. The hardware reset
during chip erase will stop the erase, but the data will be of an unknown state.
6.10.2
Plane Erase
As an alternative to a full Chip Erase, the device is organized into thirty-two planes (PA0 -
PA31). The Plane Erase command is a two-bus cycle operation which can be used to individu-
ally erase any one of the thirty (PA1 - PA30) planes. The plane whose address is valid at the
second rising edge of WE will be erased. The Plane Erase command does not alter the data in
the protected sectors.
6.10.3
Sector Erase
The device is organized into multiple sectors that can be individually erased. The Sector Erase
command is a two-bus cycle operation. The sector whose address is valid at the second rising
edge of WE will be erased provided the given sector has not been protected.
6.11
Word Programming
The device is programmed on a word-by-word basis. Programming is accomplished via the
internal device command register and is a two-bus cycle operation. The programming address
and data are latched in the second cycle. The device will automatically generate the required
internal programming pulses. Please note that a “0” cannot be programmed back to a “1”; only
erase operations can convert “0”s to “1”s.
6.12
Flexible Sector Protection
The AT52SC1283J/1284J offers two sector protection modes, the Softlock and the Hardlock.
The Softlock mode is optimized as sector protection for sectors whose content changes fre-
quently. The Hardlock protection mode is recommended for sectors whose content changes
infrequently. Once either of these two modes is enabled, the contents of the selected sector is
read-only and cannot be erased or programmed. Each sector can be independently pro-
grammed for either the Softlock or Hardlock sector protection mode. At power-up and reset, all
sectors have their Softlock protection mode enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com