Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 5Page - ATMEL Corporation AT52SC1283J Datasheet HTML 6Page - ATMEL Corporation AT52SC1283J Datasheet HTML 7Page - ATMEL Corporation AT52SC1283J Datasheet HTML 8Page - ATMEL Corporation AT52SC1283J Datasheet HTML 9Page - ATMEL Corporation AT52SC1283J Datasheet HTML 10Page - ATMEL Corporation AT52SC1283J Datasheet HTML 11Page - ATMEL Corporation AT52SC1283J Datasheet HTML 12Page - ATMEL Corporation AT52SC1283J Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
Figure 6-2.
Sector Locking State Diagram
Note:
1. The notation [X, Y, Z] denotes the locking state of a sector. The current locking state of a sector
is defined by the state of WP and the two bits of the sector-lock status D[1:0].
6.12.3
Sector Protection Detection
A software method is available to determine if the sector protection Softlock or Hardlock features
are enabled. When the device is in the software product identification mode a read from the I/O0
and I/O1 at address location 00002H within a sector will show if the sector is unlocked, soft-
locked, or hardlocked.
6.13
Read Status Register
The status register indicates the status of device operations and the success/failure of that oper-
ation. The Read Status Register command causes subsequent reads to output data from the
status register until another command is issued. To return to reading from the memory, issue a
Read command.
The status register bits are output on I/O7 - I/O0. The upper byte, I/O15 - I/O8, outputs 00H
when a Read Status Register command is issued.
The contents of the status register [SR7:SR0] are latched on the falling edge of OE or CE
(whichever occurs last), which prevents possible bus errors that might occur if status register
[000]
[001]
[011]
[111]
[101]
[110]
[100]
UNLOCKED
LOCKED
WP = V
IL =0
WP = V
IH =1
Power-Up/Reset
Default
Power-Up/Reset
Default
Hardlocked is disabled by
WP = V
IH
= Unlock Command
= Softlock Command
= Hardlock Command
Hardlocked
AB
C
C
AB
AB
C
C
A
B
C
Table 6-2.
Sector Protection Status
I/O1
I/O0
Sector Protection Status
0
0
Sector Not Locked
0
1
Softlock Enabled
1
0
Hardlock Enabled
1
1
Both Hardlock and Softlock Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com