Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 31Page - ATMEL Corporation AT52SC1283J Datasheet HTML 32Page - ATMEL Corporation AT52SC1283J Datasheet HTML 33Page - ATMEL Corporation AT52SC1283J Datasheet HTML 34Page - ATMEL Corporation AT52SC1283J Datasheet HTML 35Page - ATMEL Corporation AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation AT52SC1283J Datasheet HTML 37Page - ATMEL Corporation AT52SC1283J Datasheet HTML 38Page - ATMEL Corporation AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
31. AC Word Load Waveforms 1
31.1
WE Controlled(1)
Note:
1. After the high-to-low transition on AVD, AVD may remain low as long as the CLK input does not toggle.
31.2
CE Controlled(1)
Note:
1. After the high-to-low transition on AVD, AVD may remain low as long as the CLK input does not toggle.
30. AC Word Load Characteristics 1
Symbol
Parameter
Min
Max
Units
t
AAV
Address Valid to AVD High
10
ns
tAHAV
Address Hold Time from AVD High
9
ns
t
AVLP
AVD Low Pulse Width
10
ns
t
DS
Data Setup Time
50
ns
tDH
Data Hold Time
0
ns
t
CESAV
CE Setup to AVD
10
ns
t
WP
CE or WE Low Pulse Width
35
ns
tWPH
CE or WE High Pulse Width
25
ns
t
WEAV
WE High Time to AVD Low
25
ns
t
CEAV
CE High Time to AVD Low
25
ns
tDS
tWEAV
tDH
tAAV
tAHAV
tAVLP
tWP
DATA VALID
CE
I/O0-I/O15
A0 -A22
AVD
WE
tDS
tDH
tAHAV
tAVLP
tWP
DATA VALID
CE
I/O0-I/O15
A0 -A22
AVD
WE
tCESAV
tCEAV
tAAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com