Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 13Page - ATMEL Corporation AT52SC1283J Datasheet HTML 14Page - ATMEL Corporation AT52SC1283J Datasheet HTML 15Page - ATMEL Corporation AT52SC1283J Datasheet HTML 16Page - ATMEL Corporation AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation AT52SC1283J Datasheet HTML 18Page - ATMEL Corporation AT52SC1283J Datasheet HTML 19Page - ATMEL Corporation AT52SC1283J Datasheet HTML 20Page - ATMEL Corporation AT52SC1283J Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
6.29
Sector Erase Flowchart
Start
No
Suspend
Erase
1
0
Yes
Suspend
Erase
Loop
Write 20,
Address
Write D0,
Address
Read Status
Register
SR7 =
Full Erase
Status Check
(If Desired)
Erase
Complete
(Erase)
(Erase Confirm)
Sector
Sector
Sector
Sector
6.30
Sector Erase Procedure
Bus
Operation
Command
Comments
Write
Sector
Erase
Setup
Data = 20
Addr = Sector to be erased (SA)
Write
Erase
Confirm
Data = D0
Addr = Sector to be erased (SA)
Read
None
Status register data: Toggle CE
or
OE to update status register data
Idle
None
Check SR7
1 = WSMS Ready
0 = WSMS Busy
Repeat for subsequent sector erasures.
Full status register check can be done after each sector erase,
or after a sequence of sector erasures.
Write FF after the last operation to enter read mode.
6.31
Full Erase Status Check Flowchart
0
0
0
1
1,1
1
1
0
Read Status
Register
Erase
Successful
SR1 =
Sector
Sector
Locked
Error
SR3 =
V
PP
Range
Error
SR4, SR5=
Command
Sequence Error
SR5 =
Erase
Error
Sector
6.32
Full Erase Status Check Procedure
Bus
Operation
Command
Comments
Idle
None
Check SR3:
1 = V
PP Range Error
Idle
None
Check SR4, SR5:
Both 1 = Command Sequence
Error
Idle
None
Check SR5:
1 = Sector Erase Error
Idle
None
Check SR1:
1 = Attempted erase of locked
sector; erase aborted.
SR1, SR3 must be cleared before the Write State Machine
allows further erase attempts.
Only the Clear Status Register command clears SR1, SR3,
SR4, SR5.
If an error is detected, clear the status register before
attempting an erase retry or other error recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com