Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 35Page - ATMEL Corporation AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation AT52SC1283J Datasheet HTML 37Page - ATMEL Corporation AT52SC1283J Datasheet HTML 38Page - ATMEL Corporation AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation AT52SC1283J Datasheet HTML 40Page - ATMEL Corporation AT52SC1283J Datasheet HTML 41Page - ATMEL Corporation AT52SC1283J Datasheet HTML 42Page - ATMEL Corporation AT52SC1283J Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
VENDOR SPECIFIC EXTENDED QUERY
41h
0050h
“P”
42h
0052h
“R”
43h
0049h
“I”
44h
0031h
Major version number, ASCII
45h
0030h
Minor version number, ASCII
46h
00BFh
Bit 0 – chip erase supported, 0 – no, 1 – yes
Bit 1 – erase suspend supported, 0 – no, 1 – yes
Bit 2 – program suspend supported, 0 – no, 1 – yes
Bit 3 – simultaneous operations supported, 0 – no, 1 – yes
Bit 4 – burst mode read supported, 0 – no, 1 – yes
Bit 5 – page mode read supported, 0 – no, 1 – yes
Bit 6 – queued erase supported, 0 – no, 1 – yes
Bit 7 – protection bits supported, 0 – no, 1 – yes
47h
0002h
Bit 8 – top (“0”), bottom (“1”), or both top and bottom (“2”) boot block device
Undefined bits are “0”
48h
000Fh
Bit 0 – 4 word linear burst with wrap around, 0 – no, 1 – yes
Bit 1 – 8 word linear burst with wrap around, 0 – no, 1 – yes
Bit 2 – 16 word linear burst with wrap around, 0 – no, 1 – yes
Bit 3 – continuos burst, 0 – no, 1 – yes
Undefined bits are “0”
49h
0001h
Bit 0 – 4 word page, 0 – no, 1 – yes
Bit 1 – 8 word page, 0 – no, 1 – yes
Undefined bits are “0”
4Ah
0080h
Location of protection register lock byte, the section’s first byte
4Bh
0003h
# of bytes in the factory prog section of prot register – 2*n
4Ch
0007h
# of bytes in the user prog section of prot register – 2*n – 132
4Dh
0020h
Number of planes – 32 planes
37. Common Flash Interface Definition Table (Continued)
Address
AT52SC1283J/1284J
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com