Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 9Page - ATMEL Corporation AT52SC1283J Datasheet HTML 10Page - ATMEL Corporation AT52SC1283J Datasheet HTML 11Page - ATMEL Corporation AT52SC1283J Datasheet HTML 12Page - ATMEL Corporation AT52SC1283J Datasheet HTML 13Page - ATMEL Corporation AT52SC1283J Datasheet HTML 14Page - ATMEL Corporation AT52SC1283J Datasheet HTML 15Page - ATMEL Corporation AT52SC1283J Datasheet HTML 16Page - ATMEL Corporation AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
13
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
mal read operation from an address within the protection register. After determining whether a
register is protected or not or reading the protection register, the Read command must be given
to return to the read mode.
6.17
Common Flash Interface (CFI)
CFI is a published, standardized data structure that may be read from a flash device. CFI allows
system software to query the installed device to determine the configurations, various electrical
and timing parameters, and functions supported by the device. CFI is used to allow the system
to learn how to interface to the flash device most optimally. The two primary benefits of using
CFI are ease of upgrading and second source availability. The command to enter the CFI Query
mode is a one-bus cycle command which requires writing data 98h to any address. The CFI
Query command can be written when the device is ready to read data or can also be written
when the part is in the product ID mode. Once in the CFI Query mode, the system can read CFI
data at the addresses given in Table 27. on page 33. To return to the read mode, the read com-
mand should be issued.
6.18
Hardware Data Protection
Hardware features protect against inadvertent programs to the AT52SC1283J/1284J in the fol-
lowing ways: (a) V
CC sense: if VCC is below 1.2V (typical), the device is reset and the program
and erase functions are inhibited. (b) VCC power-on delay: once VCC has reached the VCC sense
level, the device will automatically time-out 10 ms (typical) before programming. (c) Program
inhibit: holding any one of OE low, CE high or WE high inhibits program cycles. (d) Noise filter:
pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a program cycle. (e)
V
PP is less than VILPP.
6.19
Input Levels
While operating with a 1.7V to 1.95V power supply, the address inputs and control inputs (OE,
CE and WE) may be driven from 0 to 2.5V without adversely affecting the operation of the
device. The I/O lines can be driven from 0 to V
CCQ + 0.3V.
6.20
Output Levels
For the AT52SC1283J/1284J, output high levels are equal to V
CCQ - 0.1V (not VCC). VCCQ must
be regulated between 1.8V - 1.95V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com