Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 3 Page - ATMEL Corporation

  AT52SC1283J Datasheet HTML 1Page - ATMEL Corporation AT52SC1283J Datasheet HTML 2Page - ATMEL Corporation AT52SC1283J Datasheet HTML 3Page - ATMEL Corporation AT52SC1283J Datasheet HTML 4Page - ATMEL Corporation AT52SC1283J Datasheet HTML 5Page - ATMEL Corporation AT52SC1283J Datasheet HTML 6Page - ATMEL Corporation AT52SC1283J Datasheet HTML 7Page - ATMEL Corporation AT52SC1283J Datasheet HTML 8Page - ATMEL Corporation AT52SC1283J Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
3.
Pin Configurations
Pin Name
Function
A0 - A22
Addresses
I/O0 - I/O15
Data Inputs/Outputs
CE
Flash Chip Enable
OE
Flash Output Enable
WE
Flash Write Enable
AVD
Flash Address Latch Enable
CLK
Flash Clock
RST
Flash Reset
WP
Flash Write Protect
VPP
Flash Write Protection and Power Supply for
Accelerated Program Operation
WAIT
Flash WAIT
VCC
Flash Power Supply
PCS1
PSRAM Chip Select
ZZ
PSRAM Deep Power-down
VCCQ
Output Power Supply
PLB
PSRAM Lower Byte Control
PUB
PSRAM Upper Byte Control
POE
PSRAM Output Enable
PWE
PSRAM Write Enable
PVCC
PSRAM Power Supply
NC
No Connect
VSS
Device Ground (Common)
3.1
88-ball CBGA Top View
A
B
C
D
E
F
G
H
J
K
L
M
1
2345678
NC
A4
A5
A3
A2
A1
A0
POE
NC
CE1
VSS
NC
NC
A18
PLB
A17
A7
A6
I/O8
I/O0
OE1
NC
VSS
NC
A19
NC
NC
NC
PUB
I/O2
I/O1
I/O9
NC
VCCQ
VSS
VSS
VPP
WP
RST
I/O10
I/O3
I/O11
NC
VCC
VCC
NC
PWE
AVD
WE
I/O5
I/O12
I/O4
PVCC
VSS
CLK
PCS1
A20
A8
I/O13
I/O14
I/O6
NC
VSS
NC
A21
A22
A9
A10
A14
WAIT
I/O7
I/O15
VCCQ
VSS
NC
NC
A11
A12
A13
A15
A16
NC
NC
VCCQ
ZZ
VSS
NC
Flash Only
PSRAM Only
Common
NC
4.
Absolute Maximum Ratings
Temperature under Bias ...................................-25
°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ......................................-55
°C to +150°C
All Input Voltages except V
PP (including NC Pins)
with Respect to Ground ............................. -0.2V to V
CC + 0.3V
Voltage on V
PP
with Respect to Ground ..................................-0.2V to + 10.0V
All Output Voltages
with Respect to Ground ............................. -0.2V to V
CC + 0.3V
5.
DC and AC Operating Range
Operating Temperature (Case)
-25
°C to 85°C
VCC Power Supply
1.7V to 1.95V
V
CCQ, PVCC
1.8V to 1.95V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com