Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 28Page - ATMEL Corporation AT52SC1283J Datasheet HTML 29Page - ATMEL Corporation AT52SC1283J Datasheet HTML 30Page - ATMEL Corporation AT52SC1283J Datasheet HTML 31Page - ATMEL Corporation AT52SC1283J Datasheet HTML 32Page - ATMEL Corporation AT52SC1283J Datasheet HTML 33Page - ATMEL Corporation AT52SC1283J Datasheet HTML 34Page - ATMEL Corporation AT52SC1283J Datasheet HTML 35Page - ATMEL Corporation AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
25. Burst Read Cycle Waveform
Notes:
1. The WAIT signal (dashed line) shown is for a burst configuration register setting of B10 and B8 = 0. The WAIT Signal (solid
line) shown is for a burst configuration setting of B10 = 1 and B8 = 0.
2. After the high-to-low transition on AVD, AVD may remain low.
24. AC Burst Read Timing Characteristics
Symbol
Parameter
Min
Max
Units
t
CLK
CLK Period
15
ns
tCKH
CLK High Time
4
ns
t
CKL
CLK Low Time
4
ns
t
CKRT
CLK Rise Time
3.5
ns
tCKFT
CLK Fall Time
3.5
ns
t
ACK
Address Valid to Clock
7
ns
t
AVCK
AVD Low to Clock
7
ns
tCECK
CE Low to Clock
7
ns
t
CKAV
Clock to AVD High
3
ns
t
QHCK
Output Hold from Clock
3
ns
tAHCK
Address Hold from Clock
8
ns
t
CKRY
Clock to WAIT Delay
13
ns
t
CESAV
CE Setup to AVD
10
ns
tAAV
Address Valid to AVD
10
ns
t
AHAV
Address Hold From AVD
9ns
t
CKQV
CLK to Data Delay
13
ns
tCEQZ
CE High to Output High-Z
10
ns
D15
D13
D16
CE
I/O0-I/O15
A0-A22
AVD
CLK
OE
...
WAIT
tCESAV
tCE
tAHAV
tAAV
D17
... D14
...
tCECK
tAHCK
tAVCK
tACK
...
tCKAV
tCKRY
tCKRY
tCLK
tCKH
tCKL
tCKQV
tCEQZ
tQHCK
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com