Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 5 Page - ATMEL Corporation

  AT52SC1283J Datasheet HTML 1Page - ATMEL Corporation AT52SC1283J Datasheet HTML 2Page - ATMEL Corporation AT52SC1283J Datasheet HTML 3Page - ATMEL Corporation AT52SC1283J Datasheet HTML 4Page - ATMEL Corporation AT52SC1283J Datasheet HTML 5Page - ATMEL Corporation AT52SC1283J Datasheet HTML 6Page - ATMEL Corporation AT52SC1283J Datasheet HTML 7Page - ATMEL Corporation AT52SC1283J Datasheet HTML 8Page - ATMEL Corporation AT52SC1283J Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
the device. The access time is measured from stable address, falling edge of AVD or falling
edge of CE, whichever occurs last. During the AVD pulsed read, the CLK signal may be static
high or static low. For standard asynchronous reads, the AVD and CLK signal should be tied to
GND. The asynchronous read diagrams are shown on page 30.
6.4
Page Read
The page read operation of the device is controlled by CE, OE, and AVD inputs. The CLK input
is ignored during a page read operation and should be tied to GND. The page size is four words.
During a page read, the AVD signal can transition low and then transition high, transition low and
remain low, or can be tied to GND. If a high to low transition on the AVD signal occurs, as shown
in Page Read Cycle Waveform 1, the page address is latched by the low-to-high transition of the
AVD signal. However, if the AVD signal remains low after the high-to-low transition or if the AVD
signal is tied to GND, as shown in Page Read Cycle Waveform 2, then the page address (A22 -
A2) cannot change during a page read operation. The first word access of the page read is the
same as the asynchronous read. The first word is read at an asynchronous speed of 70 ns.
Once the first word is read, toggling A0 and A1 will result in subsequent reads within the page
being output at a speed of 20 ns. If the AVD and the CLK pins are both tied to GND, the device
will behave like a standard asynchronous Flash memory. The page read diagrams are shown on
page 23.
6.5
Synchronous Reads
Synchronous reads are used to achieve a faster data rate that is possible in the asynchro-
nous/page read mode. The device can be configured for continuous or fixed-length burst
access. The burst read operation of the device is controlled by CE, OE, CLK and AVD inputs.
The initial read location is determined as for the AVD pulsed asynchronous read operation; it can
be any memory location in the device. In the burst access, the address is latched on the rising
edge of the first clock pulse when AVD is low or the rising edge of the AVD signal, whichever
occurs first. The CLK input signal controls the flow of data from the device for a burst operation.
After the clock latency cycles, the data at the next burst address location is read for each follow-
ing clock cycle.
Figure 6-1.
Word Boundary
6.6
Continuous Burst Read
During a continuous burst read, any number of addresses can be read from the memory. When
operating in the linear burst read mode (B7 = 1) with the burst wrap bit (B3 = 1) set, the device
may incur an output delay when the burst sequence crosses the first 16-word boundary in the
memory (see Figure 6-1). If the starting address is D0 - D12, there is no delay. If the starting
address is D13 - D15, an output delay equal to the initial clock latency is incurred. The delay
16-word Boundary
Word D0 - D3
Word D4 - D7
Word D8 - D11
Word D12 - D15
D0
D1
D2
D3 D4
D5
D6 D7
D8 D9 D10 D11 D12 D13 D14 D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com