Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 25Page - ATMEL Corporation AT52SC1283J Datasheet HTML 26Page - ATMEL Corporation AT52SC1283J Datasheet HTML 27Page - ATMEL Corporation AT52SC1283J Datasheet HTML 28Page - ATMEL Corporation AT52SC1283J Datasheet HTML 29Page - ATMEL Corporation AT52SC1283J Datasheet HTML 30Page - ATMEL Corporation AT52SC1283J Datasheet HTML 31Page - ATMEL Corporation AT52SC1283J Datasheet HTML 32Page - ATMEL Corporation AT52SC1283J Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
Note:
1. In the erase mode, I
CC is 30 mA.
15. Input Test Waveforms and Measurement Level
t
R, tF < 5 ns
16. Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
14. DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
1µA
ILO
Output Leakage Current
VI/O = 0V to VCC
1µA
I
SB1
V
CC Standby Current CMOS
CE = V
CCQ - 0.3V to VCC
20
µA
I
CC
(1)
V
CC Active Current
f = 66 MHz; I
OUT = 0 mA
30
mA
ICCRE
VCC Read While Erase Current
f = 66 MHz; IOUT = 0 mA
50
mA
I
CCRW
V
CC Read While Write Current
f = 66 MHz; I
OUT = 0 mA
50
mA
V
IL
Input Low Voltage
0.4
V
VIH
Input High Voltage
VCCQ - 0.3
V
VOL
Output Low Voltage
I
OL = 100 µA
I
OL = 2.1 mA
0.1
0.25
V
V
OH
Output High Voltage
IOH = -100 µA
VCCQ - 0.1
V
I
OH = -400 µA
1.4
AC
DRIVING
LEVELS
1.4V
0.4V
0.9V Output AC
Measurement Level
V
1.8K
OUTPUT
PIN
30 pF
1.3K
CCQ
17. Pin Capacitance
f = 1 MHz, T = 25°C(1)
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
COUT
812
pF
VOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com