Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 44Page - ATMEL Corporation AT52SC1283J Datasheet HTML 45Page - ATMEL Corporation AT52SC1283J Datasheet HTML 46Page - ATMEL Corporation AT52SC1283J Datasheet HTML 47Page - ATMEL Corporation AT52SC1283J Datasheet HTML 48Page - ATMEL Corporation AT52SC1283J Datasheet HTML 49Page - ATMEL Corporation AT52SC1283J Datasheet HTML 50Page - ATMEL Corporation AT52SC1283J Datasheet HTML 51Page - ATMEL Corporation AT52SC1283J Datasheet HTML 52Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
52. Low-power Modes
52.1
Mode Register Set
52.2
ZZ Enable/Disable
52.3
Page Mode Enable/Disable
In asynchronous operation mode, the user has the option to toggle A0 - A3 in a random way at higher rate (20 ns vs. 70 ns)
to lower access times of subsequent reads with 16-word boundary. In synchronous mode, this option has no effect. The
maximum page length is 16 words.
Please note that as soon as Page Mode is enabled the CS1 low time restriction applies. This means that the CS1 signal
must not be kept low longer than tRC(tWC) = 10 µs.
52.4
MRS Update
Note:
The register update takes place on the rising edge of ZZ. Once the register is updated, the next time ZZ goes low, without any
updates to the register starting within the t
ZZWE max time of 1 µs, the part will refresh the array selected. The data bus is a don’t
care when ZZ is low during the register updates.
A20 - A8 (32M)
A21 - A8 (64M)
A7
A6
A5
A4
A3 - A0
0
Page Mode
Enable/Disable
11
ZZ
Enable/Disable
0
A4
Type
0
Deep Power-down Enable
1
DPD Disable (Default)
Note:
If the register is written to enable the Deep Power-down, the part will go into Deep Power-down during the following time that
ZZ is driven low and there is no MRS update. When ZZ is driven high, all of the register settings will return to default state for
the part (i.e. full array refresh, Deep Power-down Disabled).
A7
Type
0
Page Mode Disabled (Default)
1
Page Mode Enabled
Address
PCS1
PUB, PLB
PWE
C
R
W
P
W
S
W
ZZ
ZWE
Register Write Start
Register Write
Complete
Register Update
Complete
(2)
(1)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com