Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 2Page - ATMEL Corporation AT52SC1283J Datasheet HTML 3Page - ATMEL Corporation AT52SC1283J Datasheet HTML 4Page - ATMEL Corporation AT52SC1283J Datasheet HTML 5Page - ATMEL Corporation AT52SC1283J Datasheet HTML 6Page - ATMEL Corporation AT52SC1283J Datasheet HTML 7Page - ATMEL Corporation AT52SC1283J Datasheet HTML 8Page - ATMEL Corporation AT52SC1283J Datasheet HTML 9Page - ATMEL Corporation AT52SC1283J Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
takes place only once, and only if the burst sequence crosses a 16-word boundary. To indicate
that the device is not ready to continue the burst, the device will drive the WAIT pin low (B10 and
B8 = 0) during the clock cycles in which new data is not being presented. Once the WAIT pin is
driven high (B10 and B8 = 0), the current data will be valid. The WAIT signal will be tri-stated
when the CE or OE signal is high.
In the “Burst Read Waveform” as shown on page 33, the valid address is latched at point A. For
the specified clock latency of three, data D13 is valid within 13 ns of clock edge B. The low-to-
high transition of the clock at point C results in D14 being read. The transition of the clock at
point D results in a burst read of D15. The clock transition at point E does not cause new data to
appear on the output lines because the WAIT signal goes low (B10 and B8 = 0) after the clock
transition, which signifies that the first boundary in the memory has been crossed and that new
data is not available. After a clock latency of three, the clock transition at point F does cause a
burst read of data D16 because the WAIT signal goes high (B10 and B8 = 0) after the clock tran-
sition indicating that new data is available. Additional clock transitions, like at point G, will
continue to result in burst reads.
6.7
Fixed-Length Burst Reads
During a fixed-length burst mode read, four, eight or sixteen words of data may be burst from the
device, depending upon the configuration. The device supports a linear burst mode. The burst
sequence is shown on page 22. When operating in the linear burst read mode (B7 = 1) with the
burst wrap bit (B3 = 1) set, the device may incur an output delay when the burst sequence
crosses the first 16-word boundary in the memory. If the starting is D0 - D12, there is no delay. If
the starting address is D13 - D15, an output delay equal to the initial clock latency is incurred.
The delay takes place only once, and only if the burst sequence crosses a 16-word boundary.
To indicate that the device is not ready to continue the burst, the device will drive the WAIT pin
low (B10 and B8 = 0) during the clock cycles in which new data is not being presented. Once the
WAIT pin is driven high (B10 and B8 = 0), the current data will be valid. The WAIT signal will be
tri-stated when the CE or OE signal is high.
The “Four-word Burst Read Waveform” on page 34 illustrates a fixed-length burst cycle. The
valid address is latched at point A. For the specified clock latency of four, data D0 is valid within
13 ns of clock edge B. The low-to-high transition of the clock at point C results in D1 being read.
Similarly, D2 and D3 are output following the next two clock cycles. Returning CE high ends the
read cycle. There is no output delay in the burst access wrap mode (B3 = 0).
6.8
Burst Suspend
The Burst Suspend feature allows the system to temporarily suspend a synchronous burst oper-
ation if the system needs to use the Flash address and data bus for other purposes. Burst
accesses can be suspended during the initial latency (before data is received) or after the device
has output data. When a burst access is suspended, internal array sensing continues and any
previously latched internal data is retained.
Burst Suspend occurs when CE is asserted, the current address has been latched (either rising
edge of AVD or valid CLK edge), CLK is halted, and OE is deasserted. The CLK can be halted
when it is at V
IH or VIL. To resume the burst access, OE is reasserted and the CLK is restarted.
Subsequent CLK edges resume the burst sequence where it left off.
Within the device, OE gates the WAIT signal. Therefore, during Burst Suspend the WAIT signal
reverts to a high-impedance state when OE is deasserted. See “Burst Suspend Waveform” on
page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com