Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation AT52SC1283J Datasheet HTML 18Page - ATMEL Corporation AT52SC1283J Datasheet HTML 19Page - ATMEL Corporation AT52SC1283J Datasheet HTML 20Page - ATMEL Corporation AT52SC1283J Datasheet HTML 21Page - ATMEL Corporation AT52SC1283J Datasheet HTML 22Page - ATMEL Corporation AT52SC1283J Datasheet HTML 23Page - ATMEL Corporation AT52SC1283J Datasheet HTML 24Page - ATMEL Corporation AT52SC1283J Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
Notes:
1. Default State
2. Burst configuration setting of B13 - B11 = 010 (clock latency of two), B9 = 1 (hold data for two clock cycles) and B8 = 1
(WAIT asserted one clock cycle before data is valid) is not supported.
3. Data is not ready when WAIT is asserted.
Figure 10-1. Output Configuration
9.
Burst Configuration Register
B15
0
1
(1)
Synchronous Burst Reads Enabled
Asynchronous Reads Enabled
B14
0
(1)
Four-word Page
B13 - B11:
010
(2)
011
100
101
110
(1)
Clock Latency of Two
Clock Latency of Three
Clock Latency of Four
Clock Latency of Five
Clock Latency of Six
B10
0
1
(1)(3)
WAIT Signal is Asserted Low
WAIT Signal is Asserted High
B9
0
1
(1)
Hold Data for One Clock
Hold Data for Two Clocks
B8
0
1
(1)
WAIT Asserted during Clock Cycle in which Data is Valid
WAIT Asserted One Clock Cycle before Data is Valid
B7
1
(1)
Linear Burst Sequence
B6
0
1
(1)
Burst Starts and Data Output on Falling Clock Edge
Burst Starts and Data Output on Rising Clock Edge
B5 - B4
00
(1)
Reserved for Future Use
B3
0
1
(1)
Wrap Burst Within Burst length set by B2 - B0
Don’t Wrap Accesses Within Burst Length set by B2 - B0
B2 - B0
001
010
011
111
(1)
Four-word Burst
Eight-word Burst
Sixteen-word Burst
Continuous Burst
10. Clock Latency versus Input Clock Frequency
Minimum Clock Latency
(Minimum Number of Clocks Following Address Latch)
Input Clock Frequency
5, 6
≤ 66 MHz
4
≤ 61 MHz
2, 3
≤ 40 MHz
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
CLK
I/00 - I/015
I/00 - I/015
1 CLK
Data Hold
(B9 = 0)
2 CLK
Data Hold
(B9 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com