Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 44Page - ATMEL Corporation AT52SC1283J Datasheet HTML 45Page - ATMEL Corporation AT52SC1283J Datasheet HTML 46Page - ATMEL Corporation AT52SC1283J Datasheet HTML 47Page - ATMEL Corporation AT52SC1283J Datasheet HTML 48Page - ATMEL Corporation AT52SC1283J Datasheet HTML 49Page - ATMEL Corporation AT52SC1283J Datasheet HTML 50Page - ATMEL Corporation AT52SC1283J Datasheet HTML 51Page - ATMEL Corporation AT52SC1283J Datasheet HTML 52Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
51
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
54. Packaging Information
54.1
88C1 – CBGA
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
88C1, 88-ball (8 x 12 Array), 8 x 10 x 1.2 mm Body, 0.80 mm Ball Pitch
Ball Grid Array Package (CBGA)
A
88C1
12/18/03
0.10 C
Seating Plane
C
1.20 mm Ref
D
E
Top View
Side View
A
B
C
D
E
F
G
H
J
K
L
M
87
6
5
4
3
21
Øb
0.60 mm Ref
Bottom View
A
A1
D1
E1
e
e
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
1.20
A1
0.25
–
–
D
7.90
8.00
8.10
D1
5.60 TYP
E
9.90
10.00
10.10
E1
8.80 TYP
e
0.80 TYP
Ø
b
0.40 TYP
A1 Ball Corner
Marked A1 Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com