Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 33Page - ATMEL Corporation AT52SC1283J Datasheet HTML 34Page - ATMEL Corporation AT52SC1283J Datasheet HTML 35Page - ATMEL Corporation AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation AT52SC1283J Datasheet HTML 37Page - ATMEL Corporation AT52SC1283J Datasheet HTML 38Page - ATMEL Corporation AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation AT52SC1283J Datasheet HTML 40Page - ATMEL Corporation AT52SC1283J Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
35. Program Cycle Waveforms
36. Sector, Plane or Chip Erase Cycle Waveforms
Notes:
1. Any address can be used to load data.
2. OE must be high only when WE and CE are both low.
3. The data can be 40H or 10H.
4. For chip erase, any address can be used. For plane erase or sector erase, the address depends on what plane or sector is
to be erased.
5. For chip erase, the data should be 21H, for plane erase, the data should be 22H, and for sector erase, the data should
be 20H.
34. Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Word Programming Time
22
µs
tSEC1
Sector Erase Cycle Time (4K word sectors)
200
ms
t
SEC2
Sector Erase Cycle Time (32K word sectors)
800
ms
t
ES
Erase Suspend Time
15
µs
tPS
Program Suspend Time
10
µs
t
ERES
Delay between Erase Resume and Erase Suspend
500
µs
OE
PROGRAM CYCLE
INPUT DATA
Note 3
ADDRESS
tBP
tWP
CE
WE
AVD
A0 - A22
I/O0 - I/O15
tWPH
tAS
tAH
tDH
tDS
tWC
XX
(1)
VIL
OE
(2)
D0
XX
(1)
WORD 0
WORD 1
Note 4
tWPH
tWP
CE
WE
A0 - A22
tAS
t
AH
tSEC1/2
tDH
tDS
tWC
AVD
I/O0 - I/O15
VIL
Note 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com