Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation AT52SC1283J Datasheet HTML 37Page - ATMEL Corporation AT52SC1283J Datasheet HTML 38Page - ATMEL Corporation AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation AT52SC1283J Datasheet HTML 40Page - ATMEL Corporation AT52SC1283J Datasheet HTML 41Page - ATMEL Corporation AT52SC1283J Datasheet HTML 42Page - ATMEL Corporation AT52SC1283J Datasheet HTML 43Page - ATMEL Corporation AT52SC1283J Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
40
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
38. PSRAM Description
The Pseudo-SRAM (PSRAM) is an integrated memory based on a self-refresh DRAM array. It is
designed to be identical in operation and interface to the standard 6T SRAMS. The device is
designed for low standby, low operating current and includes a user configurable low-power
mode. Two chip selects (PCS1 and ZZ) and an output enable (POE) is available to allow for
easy memory expansion. Byte controls (PUB and PLB) allow the upper and lower bytes to be
accessed independently and can also be used to deselect the device. The deep sleep mode
reduces standby current drain while not retaining data in the array.
39. PSRAM Features
Fast Cycle Times
–T
ACC < 70 ns
Very Low Standby Current
–I
SB0 < 10 µA
Very Low Operating Current
– 1.0 mA at 1 µs (Typical)
Memory Expansion with PCS1 and POE
TTL Compatible Three-state Output Driver
40. Functional Block Diagram
Precharge Circuit
Clk Gen
PVCC
PGND
Memory Array
Row
Addresses
I/O Circuit
Column select
Data
Cont
Data
Cont
Column Addresses
Data
Cont
Control Logic
OE
WE
UB
LB
ZZ
I/O8 ~ I/O15
I/O0 ~ I/O7
Row
Select
PCS1
P
P
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com