Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 19Page - ATMEL Corporation AT52SC1283J Datasheet HTML 20Page - ATMEL Corporation AT52SC1283J Datasheet HTML 21Page - ATMEL Corporation AT52SC1283J Datasheet HTML 22Page - ATMEL Corporation AT52SC1283J Datasheet HTML 23Page - ATMEL Corporation AT52SC1283J Datasheet HTML 24Page - ATMEL Corporation AT52SC1283J Datasheet HTML 25Page - ATMEL Corporation AT52SC1283J Datasheet HTML 26Page - ATMEL Corporation AT52SC1283J Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
12. Memory Organization – AT52SC1283J/1284J
Plane
Plane
Size
(Bits)
Sector
Size Words
x16 Address Range (A22 - A0)
04M
SA0
4K
00000 - 00FFF
SA1
4K
01000 - 01FFF
SA2
4K
02000 - 02FFF
SA3
4K
03000 - 03FFF
SA4
4K
04000 - 04FFF
SA5
4K
05000 - 05FFF
SA6
4K
06000 - 06FFF
SA7
4K
07000 - 07FFF
SA8
32K
08000 - 0FFFF
SA9
32K
10000 - 17FFF
SA13
32K
30000 - 37FFF
SA14
32K
38000 -3FFFF
1
4M
SA15
32K
40000 - 47FFF
1
SA22
32K
78000 - 7FFFF
2
4M
SA23
32K
80000 - 87FFF
2
SA30
32K
B8000 - BFFFF
3
4M
SA31
32K
C0000 - C7FFF
3
SA38
32K
F8000 - FFFFF
4
4M
SA39
32K
100000 - 107FFF
4
SA46
32K
138000 - 13FFFF
5
4M
SA47
32K
140000 - 147FFF
5
SA54
32K
178000 - 17FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com