Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 24Page - ATMEL Corporation AT52SC1283J Datasheet HTML 25Page - ATMEL Corporation AT52SC1283J Datasheet HTML 26Page - ATMEL Corporation AT52SC1283J Datasheet HTML 27Page - ATMEL Corporation AT52SC1283J Datasheet HTML 28Page - ATMEL Corporation AT52SC1283J Datasheet HTML 29Page - ATMEL Corporation AT52SC1283J Datasheet HTML 30Page - ATMEL Corporation AT52SC1283J Datasheet HTML 31Page - ATMEL Corporation AT52SC1283J Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
28
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
Notes:
1. X can be VIL or VIH.
2. Refer to AC programming waveforms.
3. Manufacturer Code: 001FH; Device Code: 00BBH
4. The VPP pin can be tied to VCC. For faster programming operations, VPP can be set to 9.5V ± 0.5V.
5. V
IHPP (min) = 0.9V.
6. V
ILPP (max) = 0.4V.
13. Operating Modes
Mode
CE
OE
WE
RESET
V
PP
(4)
Ai
I/O
PSRAM
Operation
Read
V
IL
V
IL
V
IH
V
IH
XAi
D
OUT
PSRAM
Must Be
High-Z
Program/Erase
(3)
VIL
VIH
VIL
VIH
VIHPP
(5)
Ai
DIN
Program Inhibit
V
IL
XV
IH
V
IH
X
V
IL
XX
X
V
ILPP
(6)
Software Product
Identification
V
IL
V
IL
V
IH
V
IH
X
A0 = V
IL, A1 - A22 = VIL
Manufacturer
Code
(3)
A0 = V
IH, A1 - A22 = VIL
Device Code
(3)
Standby/Program
Inhibit
V
IH
X
(1)
XV
IH
XX
High Z
Any PSRAM
Operation is
Allowed
Output Disable
X
V
IH
XV
IH
XHigh Z
Reset
X
X
X
VIL
XX
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com