Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 26Page - ATMEL Corporation AT52SC1283J Datasheet HTML 27Page - ATMEL Corporation AT52SC1283J Datasheet HTML 28Page - ATMEL Corporation AT52SC1283J Datasheet HTML 29Page - ATMEL Corporation AT52SC1283J Datasheet HTML 30Page - ATMEL Corporation AT52SC1283J Datasheet HTML 31Page - ATMEL Corporation AT52SC1283J Datasheet HTML 32Page - ATMEL Corporation AT52SC1283J Datasheet HTML 33Page - ATMEL Corporation AT52SC1283J Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
19. AVD Pulsed Asynchronous Read Cycle Waveform
(1)(2)
Notes:
1. After the high-to-low transition on AVD, AVD may remain low as long as the address is stable.
2. CLK may be static high or static low.
20. Asynchronous Read Cycle Waveform
(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. t
DF is specified from OE or CE, whichever occurs first (CL = 5 pF).
4. AVD and CLK should be tied low.
18. AC Asynchronous Read Timing Characteristics
Symbol
Parameter
Min
Max
Units
t
ACC1
Access, AVD To Data Valid
70
ns
tACC2
Access, Address to Data Valid
70
ns
t
CE
Access, CE to Data Valid
70
ns
t
OE
OE to Data Valid
20
ns
tAHAV
Address Hold from AVD
9ns
t
AVLP
AVD Low Pulse Width
10
ns
t
AVHP
AVD High Pulse Width
10
ns
tAAV
Address Valid to AVD
7ns
t
DF
CE, OE High to Data Float
25
ns
t
OH
Output Hold from OE, CE or Address, Whichever Occurred First
ns
tRO
RESET to Output Delay
150
ns
tCE
tACC2
tDF
tDF
tAHAV
DATA VALID
CE
I/O0-I/O15
A2 -A22
tAAV
tAVLP
tACC1
AVD
OE
tOE
tAVHP
RESET
tRO
(1)
tACC2
tAHAV
A0 -A1
tAAV
OUTPUT
VALID
I/O0 - I/O15
HIGH Z
RESET
OE
tOE
tCE
ADDRESS VALID
tDF
tOH
tACC2
tRO
CE
A0 - A22
tRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com