Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 10Page - ATMEL Corporation AT52SC1283J Datasheet HTML 11Page - ATMEL Corporation AT52SC1283J Datasheet HTML 12Page - ATMEL Corporation AT52SC1283J Datasheet HTML 13Page - ATMEL Corporation AT52SC1283J Datasheet HTML 14Page - ATMEL Corporation AT52SC1283J Datasheet HTML 15Page - ATMEL Corporation AT52SC1283J Datasheet HTML 16Page - ATMEL Corporation AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation AT52SC1283J Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
6.21
Word Program Flowchart
Program
Suspend
Loop
Start
Write 40,
Word Address
Write Data,
Word Address
Read Status
Register
SR7 =
Full Status
Check
(If Desired)
Program
Complete
Suspend?
1
0
No
Yes
(Setup)
(Confirm)
6.22
Word Program Procedure
Bus
Operation
Command
Comments
Write
Program
Setup
Data = 40
Addr = Location to program
Write
Data
Data = Data to program
Addr = Location to program
Read
None
Status register data: Toggle CE
or
OE to update status register
Idle
None
Check SR7
1 = WSM Ready
0 = WSM Busy
Repeat for subsequent Word Program operations.
Full status register check can be done after each program, or
after a sequence of program operations.
Write FF after the last operation to set to the Read state.
6.23
Full Status Check Flowchart
Read Status
Register
Program
Successful
SR3 =
SR1 =
0
0
SR4 =
0
1
1
1
V
PP Range
Error
Device
Protect Error
Program
Error
6.24
Full Status Check Procedure
Bus
Operation
Command
Comments
Idle
None
Check SR3:
1 = V
PP Error
Idle
None
Check SR4:
1 = Data Program Error
Idle
None
Check SR1:
1 = Sector locked; operation
aborted
SR3 MUST be cleared before the Write State Machine allows
further program attempts.
If an error is detected, clear the status register before
continuing operations – only the Clear Status Register
command clears the status register error bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com