Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 12Page - ATMEL Corporation AT52SC1283J Datasheet HTML 13Page - ATMEL Corporation AT52SC1283J Datasheet HTML 14Page - ATMEL Corporation AT52SC1283J Datasheet HTML 15Page - ATMEL Corporation AT52SC1283J Datasheet HTML 16Page - ATMEL Corporation AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation AT52SC1283J Datasheet HTML 18Page - ATMEL Corporation AT52SC1283J Datasheet HTML 19Page - ATMEL Corporation AT52SC1283J Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
6.27
Erase Suspend/Resume Flowchart
Erase
Completed
Read Array
Data
0
0
1
1
Start
Read Status
Register
SR7 =
SR6 =
Erase
Resumed
Done?
Read
Read
or Program?
Write 70,
Any Address
(Read Status)
Write B0,
Any Address
(Erase Suspend)
Write D0,
Any Address
(Erase Resume)
Write FF
(Read Array)
No
Yes
Program
Loop
Write 70H
Any Address
within
the Same Plane
(Read Status)
6.28
Erase Suspend/Resume Procedure
Bus
Operation
Command
Comments
Write
Erase
Suspend
Data = B0
Addr = Any address within the
Same Plane
Write
Read
Status
Data = 70
Addr = Any address
Read
None
Status register data: Toggle CE
or
OE to update status register
Addr = Any address within the
Same Plane
Idle
None
Check SR7
1 = WSM Ready
0 = WSM Busy
Idle
None
Check SR6
1 = Erase suspended
0 = Erase completed
Write
Read or
Program
Data = FF or 40
Addr = Any address
Read or
Write
None
Read or program data from/to
sector other than the one being
erased
Write
Program
Resume
Data = D0
Addr = Any address
If the Suspended Plane was placed in Read mode or a
Program loop:
Write
Read
Status
Return Plane to Status mode:
Data = 70
Addr = Any address within the
Same Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com