Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 15Page - ATMEL Corporation AT52SC1283J Datasheet HTML 16Page - ATMEL Corporation AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation AT52SC1283J Datasheet HTML 18Page - ATMEL Corporation AT52SC1283J Datasheet HTML 19Page - ATMEL Corporation AT52SC1283J Datasheet HTML 20Page - ATMEL Corporation AT52SC1283J Datasheet HTML 21Page - ATMEL Corporation AT52SC1283J Datasheet HTML 22Page - ATMEL Corporation AT52SC1283J Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
Notes:
1. The DATA FORMAT shown for each bus cycle is as follows; I/O7 - I/O0 (Hex). I/O15 - I/O8 are don’t care. The ADDRESS
FORMAT shown for each bus cycle is as follows: A7 - A0 (Hex). Address A22 through A8 are don’t care.
2. PA is the plane address (A22 - A18). Any address within a plane can be used.
3. SA = sector address. Any word address within a sector can be used to designate the sector address (see pages 23 - 27 for
details).
4. The first bus cycle address should be the same as the word address to be programmed.
5. This fast programming option enables the user to program two words in parallel only when V
PP = 10V. The addresses, Addr0
and Addr1, of the two words, D
IN0 and DIN1, must only differ in address A0. This command should be used during manufac-
turing purposes only.
6. During the second bus cycle, the manufacturer code is read from address PA+00000H, the device code is read from address
PA+00001H, and the data in the protection register is read from addresses 000081H - 000088H and 00008AH - 000109H.
7. The plane address should be the same during the first and second bus cycle.
8. The status register bits are output on I/O7 - I/O0.
9. Any address within the user programmable protection register region. Please see “Protection Register Addressing Table” on
page 20.
10. If data bit D1 is “0”, block B is locked. If data bit D1 is “1”, block B can be reprogrammed.
11. D
OUT represents 16 bits of data. If all data bits are “0s”, the register is locked.
12. See “Burst Configuration Register” on page 21. Bits B15 - B0 of the burst configuration register determine A15 - A0.
Addresses A16 - A22 can select any plane.
7.
Command Definition Table
Command Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Read
1
PA
(2)
FF
Chip Erase
2
XX
21
Addr
D0
Plane Erase
2
XX
22
Addr
D0
Sector Erase
2
SA
(3)
20
SA
(3)
D0
Word Program
2
Addr
(4)
40/10
Addr
(4)
DIN
Dual Word Program
(5)
3
Addr0
E0
Addr0
D
IN0
Addr1
D
IN1
Erase/Program Suspend
1
XX
B0
Erase/Program Resume
1
PA
(2)
D0
Product ID Entry
(6)(7)
1PA
(2)
90
Sector Softlock
2
SA
(3)
60
SA
(3)
01
Sector Hardlock
2
SA
(3)
60
SA
(3)
2F
Sector Unlock
2
SA
(3)
60
SA
(3)
D0
Read Status Register
2
PA
(2)
70
PA
(7)
D
OUT
(8)
Clear Status Register
1
XX
50
Program PR0 (Block B) or PR1
2
Addr
(9)
C0
Addr
(9)
D
IN
Lock Protection PR0 – Block B
2
80
C0
80
FFFD
Lock Protection PR1
2
XX
C0
89
0000
Status of Protection PR0 (Block B)
2
000080
90
000080
D
OUT
(10)
Status of Protection PR1
2
000089
90
000089
D
OUT
(11)
Program Burst Configuration Register
2
PA
(7)+Addr(12)
60
PA
(7)+Addr(12)
03
Read Burst Configuration Register
2
PA
(7)
90
PAX005
(7)
D
OUT
CFI Query
1
XX
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com