Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 41Page - ATMEL Corporation AT52SC1283J Datasheet HTML 42Page - ATMEL Corporation AT52SC1283J Datasheet HTML 43Page - ATMEL Corporation AT52SC1283J Datasheet HTML 44Page - ATMEL Corporation AT52SC1283J Datasheet HTML 45Page - ATMEL Corporation AT52SC1283J Datasheet HTML 46Page - ATMEL Corporation AT52SC1283J Datasheet HTML 47Page - ATMEL Corporation AT52SC1283J Datasheet HTML 48Page - ATMEL Corporation AT52SC1283J Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
49. Read Cycle Waveforms
49.1
Read Cycle (1)
(Address Controlled, PCS1 = POE = V
IL, ZZ = PWE = VIH, PUB or/and PLB = VIL)
49.2
Read Cycle (2)
(ZZ = PWE = VIH)
Notes:
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
2. At any given temperature and voltage condition, t
HZ (max) is less than tLZ (min) both for a given device and from device to
device interconnection.
3. Do not access device with cycle timing shorter than t
RC (tWC) for continuous periods > 10 µs.
49.3
Page Read Cycle
(ZZ = PWE = VIH, 16 Words Access)
Notes:
1. t
HZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
2. At any given temperature and voltage condition, t
HZ (max) is less than tLZ (min) both for a given device and from device to
device interconnection.
3. Do not access device with cycle timing shorter than t
RC (tWC) for continuous periods > 10 µs.
Address
Data Out
Previous Data Valid
Data Valid
A
H
Address
A
A
E
H
LZ
Z
Data Valid
High-Z
HZ
PCS1
PUB, PLB
POE
Data Out
High-Z
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
A4~ A20
PCS1
PUB, PLB
OE
Data Out
A0~ A3
PC
t
PC
t
PC
t
PC
t
PC
t
PC
t
PC
t
MRC
t
RC
t
CO
t
AA
t
BA
t
OE
t
OLZ
t
BLZ
t
LZ
t
PAA
t
PAA
t
PAA
t
PAA
t
PAA
t
PAA
t
PAA
t
OHZ
t
BHZ
t
OH
t
HZ
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com