Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 29Page - ATMEL Corporation AT52SC1283J Datasheet HTML 30Page - ATMEL Corporation AT52SC1283J Datasheet HTML 31Page - ATMEL Corporation AT52SC1283J Datasheet HTML 32Page - ATMEL Corporation AT52SC1283J Datasheet HTML 33Page - ATMEL Corporation AT52SC1283J Datasheet HTML 34Page - ATMEL Corporation AT52SC1283J Datasheet HTML 35Page - ATMEL Corporation AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation AT52SC1283J Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
26. Burst Read Waveform (Clock Latency of 3)
Note:
1. Dashed line reflects a B10 and B8 setting of 0 in the configuration register. Solid line reflects a B10 setting of 1 and B8
setting of 1 in the configuration register.
27. Hold Data for 2 Clock Cycles Read Waveform (Clock Latency of 3)
Note:
1. Dashed line reflects a burst configuration register setting of B10 and B8 = 1, B9 = 1.
Solid line reflects a burst configuration register setting of B10 = 1, B9 and B8 = 1
VALID
D13
D14
D15
CE
A0-A22
I/O0-I/O15
AVD
CLK
OE
WAIT
(1)
A
C
DE
F
G
B
HIGH Z
HIGH Z
D16
D18
D17
A0-A22
I/O0-I/O15
AVD
CLK
WAIT
(1)
OE
CE
D13
D14
D15
D16
A9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com