Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 38Page - ATMEL Corporation AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation AT52SC1283J Datasheet HTML 40Page - ATMEL Corporation AT52SC1283J Datasheet HTML 41Page - ATMEL Corporation AT52SC1283J Datasheet HTML 42Page - ATMEL Corporation AT52SC1283J Datasheet HTML 43Page - ATMEL Corporation AT52SC1283J Datasheet HTML 44Page - ATMEL Corporation AT52SC1283J Datasheet HTML 45Page - ATMEL Corporation AT52SC1283J Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
44. DC and Operating Characteristics
Item
Symbol
Test Conditions
Min
Typ
32M
Max
64M
Max
Unit
Input Leakage Current
I
LI
V
IN = PGND to PVCC
-1
1
1
µA
Output Leakage Current
I
LO
PCS1 = VIH, ZZ = VIH, POE = VIH
or PWE = V
IL, VI/O = PGND to PVCC
-1
1
1
µA
Average Operating
Current
ICC1
Cycle time = 1 µs, 100% duty, I
I/O = 0
mA, PCS1 < 0.2V, ZZ = VIH, VIN < 0.2V
or V
IN > PVCC - 0.2V
33
mA
I
CC2
Cycle time = Min, I
I/O = 0 mA, 100% duty,
PCS1 = VIL, ZZ = VIH, VIN = VIL or VIH
25
25
mA
Output Low Voltage
V
OL
I
OL = 0.5 mA
0.2 V
CCQ
0.2 V
CCQ
V
Output High Voltage
V
OH
I
OH = -0.5 mA
0.8 V
CCQ
V
Standby Current (TTL)
I
SB
PCS1 = VIH, ZZ = VIH,
other inputs = V
IH or VIL
0.3
0.3
mA
Standby Current (CMOS)
I
SB1
PCS1 > PV
CC -0.2V, ZZ > PVCC - 0.2V,
other inputs = 0 ~ PVCC
120
150
µA
Low Power Modes
I
SB0
ZZ < 0.2V, other inputs = 0 ~ PV
CC,
no refresh (DPD)
10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com