Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 23Page - ATMEL Corporation AT52SC1283J Datasheet HTML 24Page - ATMEL Corporation AT52SC1283J Datasheet HTML 25Page - ATMEL Corporation AT52SC1283J Datasheet HTML 26Page - ATMEL Corporation AT52SC1283J Datasheet HTML 27Page - ATMEL Corporation AT52SC1283J Datasheet HTML 28Page - ATMEL Corporation AT52SC1283J Datasheet HTML 29Page - ATMEL Corporation AT52SC1283J Datasheet HTML 30Page - ATMEL Corporation AT52SC1283J Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
27
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
30
4M
SA247
32K
780000 - 787FFF
•
•
•
•
•
•
•
•
•
•
•
•
30
SA254
32K
7B8000 - 7BFFFF
31
4M
SA255
32K
7C0000 - 7C7FFF
SA256
32K
7C8000 - 7CFFFF
•
•
•
•
•
•
•
•
•
•
•
•
31
SA261
32K
7F0000 - 7F7FFF
SA262
4K
7F8000 - 7F8FFF
SA263
4K
7F9000 - 7F9FFF
SA264
4K
7FA000 - 7FAFFF
SA265
4K
7FB000 - 7FBFFF
SA266
4K
7FC000 - 7FCFFF
SA267
4K
7FD000 - 7FDFFF
SA268
4K
7FE000 - 7FEFFF
SA269
4K
7FF000 - 7FFFFF
12. Memory Organization – AT52SC1283J/1284J (Continued)
Plane
Plane
Size
(Bits)
Sector
Size Words
x16 Address Range (A22 - A0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com