Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 32Page - ATMEL Corporation AT52SC1283J Datasheet HTML 33Page - ATMEL Corporation AT52SC1283J Datasheet HTML 34Page - ATMEL Corporation AT52SC1283J Datasheet HTML 35Page - ATMEL Corporation AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation AT52SC1283J Datasheet HTML 37Page - ATMEL Corporation AT52SC1283J Datasheet HTML 38Page - ATMEL Corporation AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation AT52SC1283J Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
33. AC Word Load Waveforms 2
33.1
WE Controlled(1)
Note:
1. The CLK input should not toggle.
33.2
CE Controlled(1)
Note:
1. The CLK input should not toggle.
32. AC Word Load Characteristics 2
Symbol
Parameter
Min
Max
Units
t
AS
Address Setup Time to WE and CE High
50
ns
tAH
Address Hold Time
0
ns
t
DS
Data Setup Time
50
ns
t
DH
Data Hold Time
0
ns
tWP
CE or WE Low Pulse Width
35
ns
t
WPH
CE or WE High Pulse Width
25
ns
I/O0 - I/O15
A0 - A22
WE
CE
AVD
V
IL
DATA VALID
I/O0 - I/O15
A0 - A22
CE
AVD
V
IL
DATA VALID
WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com