Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation AT52SC1283J Datasheet HTML 40Page - ATMEL Corporation AT52SC1283J Datasheet HTML 41Page - ATMEL Corporation AT52SC1283J Datasheet HTML 42Page - ATMEL Corporation AT52SC1283J Datasheet HTML 43Page - ATMEL Corporation AT52SC1283J Datasheet HTML 44Page - ATMEL Corporation AT52SC1283J Datasheet HTML 45Page - ATMEL Corporation AT52SC1283J Datasheet HTML 46Page - ATMEL Corporation AT52SC1283J Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
45. AC Characteristics (PV
CC = 1.8V – 1.95V, TA = -25°C to 85°C)
Parameter List
Symbol
Speed Bins
Speed Bins
Unit
70 ns
85 ns
Min
Max
Min
Max
Read
Read Cycle Time
tRC
70
10K
85
10K
ns
Address Access Time
t
AA
70
85
ns
Chip Select to Output
t
CO
70
85
ns
Output Enable to Valid Output
tOE
25
30
ns
PUB, PLB Access Time
t
BA
70
85
ns
Chip Select to Low-Z Output
t
LZ
10
10
ns
PUB, PLB Enable to Low-Z Output
tBLZ
10
10
ns
Output Enable to Low-Z Output
t
OLZ
5
5
ns
Chip Disable to High-Z Output
t
HZ
08
0
8
ns
PUB, PLB Disable to High-Z Output
tBHZ
0
8
0
8
ns
Output Disable to High-Z Output
t
OHZ
0
8
0
8
ns
Output Hold from Address Change
t
OH
5
5
ns
Write
Write Cycle Time
tWC
70
10K
85
10K
ns
Chip Select to End of Write
t
CW
70
85
ns
Address Set-up Time
t
AS
0
0
ns
Address Valid to End of Write
tAW
70
85
ns
PUB, PLB Valid to End of Write
t
BW
70
85
ns
Write Pulse Width
t
WP
50
60
ns
Write Recovery Time
tWR
0
0
ns
Write to Output High-Z
t
WHZ
08
0
10
ns
Data to Write Time Overlap
t
DW
20
20
ns
Data Hold from Write Time
tDH
0
0
ns
End Write to Output Low-Z
t
OW
5
5
ns
Page
Page Mode Cycle Time
t
PC
30
30
ns
Page Mode Address Access Time
tPAA
30
30
ns
Maximum Cycle Time
t
MRC
10K
10K
ns
PCS1 High Pulse Width
t
CP
10
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com