Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 11Page - ATMEL Corporation AT52SC1283J Datasheet HTML 12Page - ATMEL Corporation AT52SC1283J Datasheet HTML 13Page - ATMEL Corporation AT52SC1283J Datasheet HTML 14Page - ATMEL Corporation AT52SC1283J Datasheet HTML 15Page - ATMEL Corporation AT52SC1283J Datasheet HTML 16Page - ATMEL Corporation AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation AT52SC1283J Datasheet HTML 18Page - ATMEL Corporation AT52SC1283J Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
15
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
6.25
Program Suspend/Resume Flowchart
Read Status
Register
SR7 =
SR2 =
Read
Data
Program
Completed
Done
Reading
Program
Resumed
Read
Data
0
No
0
Yes
1
1
Write FF
(Read Array)
Write D0
Any Address
(Program Resume)
Write FF
(Read
Array)
Start
Write B0
Any Address
(Program Suspend)
Write 70
Any Address
(Read Status)
the Same Plane
within
Suspend Plane
Write 70H
Any Address
within
the Same Plane
(Read Status)
6.26
Program Suspend/Resume Procedure
Bus
Operation
Command
Comments
Write
Program
Suspend
Data = B0
Addr = Sector address to
Suspend (SA)
Write
Read
Status
Data = 70
Addr = Any address within the
Same Plane
Read
None
Status register data: Toggle CE
or
OE to update status register
Addr = Any address
Idle
None
Check SR7
1 = WSM Ready
0 = WSM Busy
Idle
None
Check SR2
1 = Program suspended
0 = Program completed
Write
Read Array
Data = FF
Addr = Any address within the
Suspended Plane
Read
None
Read data from any sector in the
memory other than the one being
programmed
Write
Program
Resume
Data = D0
Addr = Any address
If the Suspend Plane was placed in Read mode:
Write
Read
Status
Return Plane to Status mode:
Data = 70
Addr = Any address within the
Same Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com