Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 16Page - ATMEL Corporation AT52SC1283J Datasheet HTML 17Page - ATMEL Corporation AT52SC1283J Datasheet HTML 18Page - ATMEL Corporation AT52SC1283J Datasheet HTML 19Page - ATMEL Corporation AT52SC1283J Datasheet HTML 20Page - ATMEL Corporation AT52SC1283J Datasheet HTML 21Page - ATMEL Corporation AT52SC1283J Datasheet HTML 22Page - ATMEL Corporation AT52SC1283J Datasheet HTML 23Page - ATMEL Corporation AT52SC1283J Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
20
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
Note:
1. All address lines not specified in the above table must be 0 when accessing the Protection Register, i.e., A22 - A9 = 0.
8.
Protection Register Addressing Table
Address
Use
Block
A8A7
A6
A5A4A3A2A1
A0
81
Factory
A
0100
0000
1
82
Factory
A
0100
0001
0
83
Factory
A
0100
0001
1
PR0
84
Factory
A
0100
0010
0
85
User
B
0100
0010
1
86
User
B
0100
0011
0
87
User
B
0100
0011
1
88
User
B
0100
0100
0
PR1
8A
User
0100
0101
0
•
•
•
•
•
•
91
User
0100
1000
1
92
User
0100
1001
0
•
•
•
•
•
•
A1
User
0101
0000
1
•
•
•
•
•
•
•
•
•
102
User
1000
0001
0
•
•
•
•
•
•
109
User
1000
0100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com