Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52SC1283J Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT52SC1283J
Description  128-Mbit Flash 32-Mbit/64-Mbit
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52SC1283J Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT52SC1283J Datasheet HTML 34Page - ATMEL Corporation AT52SC1283J Datasheet HTML 35Page - ATMEL Corporation AT52SC1283J Datasheet HTML 36Page - ATMEL Corporation AT52SC1283J Datasheet HTML 37Page - ATMEL Corporation AT52SC1283J Datasheet HTML 38Page - ATMEL Corporation AT52SC1283J Datasheet HTML 39Page - ATMEL Corporation AT52SC1283J Datasheet HTML 40Page - ATMEL Corporation AT52SC1283J Datasheet HTML 41Page - ATMEL Corporation AT52SC1283J Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
38
3530B–STKD–2/4/05
AT52SC1283J/1284J [Preliminary]
37. Common Flash Interface Definition Table
Address
AT52SC1283J/1284J
Comments
10h
0051h
“Q”
11h
0052h
“R”
12h
0059h
“Y”
13h
0003h
14h
0000h
15h
0041h
16h
0000h
17h
0000h
18h
0000h
19h
0000h
1Ah
0000h
1Bh
0016h
VCC min write/erase
1Ch
0019h
VCC max write/erase
1Dh
0090h
VPP min voltage
1Eh
00A0h
VPP max voltage
1Fh
0004h
Typ word write – 22 µs
20h
0000h
21h
0009h
Typ block erase – 500 ms
22h
0011h
Typ chip erase – 131,000 ms
23h
0004h
Max word write/typ time
24h
0000h
n/a
25h
0003h
Max block erase/typ block erase
26h
0003h
Max chip erase/ typ chip erase
27h
0018h
Device size
28h
0001h
x16 device
29h
0000h
x16 device
2Ah
0000h
Multiple byte write not supported
2Bh
0000h
Multiple byte write not supported
2Ch
0003h
3 regions, x = 3
2Dh
0007h
8K bytes, Y = 7
2Eh
0000h
8K bytes, Y = 7
2Fh
0020h
8K bytes, Z = 32
30h
0000h
8K bytes, Z = 32
31h
00FDh
64K bytes, Y = 253
32h
0000h
64K bytes, Y = 253
33h
0000h
64K bytes, Z = 256
34h
0001h
64K bytes, Z = 256
35h
0007h
8K bytes, Y = 7
36h
0000h
8K bytes, Y = 7
37h
0020h
8K bytes, Z = 32
38h
0000h
8K bytes, Z = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com