Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 285 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 281Page - ATMEL Corporation AT90SCR100 Datasheet HTML 282Page - ATMEL Corporation AT90SCR100 Datasheet HTML 283Page - ATMEL Corporation AT90SCR100 Datasheet HTML 284Page - ATMEL Corporation AT90SCR100 Datasheet HTML 285Page - ATMEL Corporation AT90SCR100 Datasheet HTML 286Page - ATMEL Corporation AT90SCR100 Datasheet HTML 287Page - ATMEL Corporation AT90SCR100 Datasheet HTML 288Page - ATMEL Corporation AT90SCR100 Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 433 page
background image
285
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 21-8.
SPI - Slave with DPRAM operation - Third part
In SPI slave mode, the control logic will sample the incoming signal of the HSSCK pin. To
ensure correct sampling of the clock signal, the frequency of the HSSPI clock should never
exceed fSCKmax (fSCKmax=24 Mbits/s). When the HSSPI is enabled, the data direction of the
HSMOSI, HSMISO, HSSCK, and HSSS pins is overridden according to Table 21-1
.
Table 21-1.
SPI Pin Overrides
Pin
Direction, Master SPI
Direction, Slave SPI
MOSI
Output
Input
MISO
Input
Output
SCK
Output
Input
NSS
Output
Input
BTD?
Write 16 in HSSPICNT
Read nb_data in HSSPICNT
Copy nb_data into RAM using
HSSPIDMA.
Read received data directly into RAM
Set bit HSSPICR.STTO
YES
NO
then TIMEOUT
LABEL
"RECEIVE DATA UK"
Clear BTD (HSSPIIR)
Set bit HSSPICR.STTO
Wait BTD or TIMEOUT
Write 16 in HSSPICNT
End of reception.
Next loop
Copy 16 into RAM using HSSPIDMA.
Read received data directly into RAM
Clear TIMEOUT
(HSSPIIR)
Disable DMA
(Clear HSSPICFG.DPRAM)
Enable DMA
(Set HSSPICFG.DPRAM)
Wait DMA ready
(HSSPISR.DPRAMRDY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com