Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 288 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 288 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 284Page - ATMEL Corporation AT90SCR100 Datasheet HTML 285Page - ATMEL Corporation AT90SCR100 Datasheet HTML 286Page - ATMEL Corporation AT90SCR100 Datasheet HTML 287Page - ATMEL Corporation AT90SCR100 Datasheet HTML 288Page - ATMEL Corporation AT90SCR100 Datasheet HTML 289Page - ATMEL Corporation AT90SCR100 Datasheet HTML 290Page - ATMEL Corporation AT90SCR100 Datasheet HTML 291Page - ATMEL Corporation AT90SCR100 Datasheet HTML 292Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 433 page
background image
288
TPR0327AY–SMS–30Jan09
AT90SCR100
The CPHA functionality is summarized below:
• Bit 2 - HSCPOL: High Speed Clock POLarity Bit
When this bit is written to one, SCK is high when idle. When CPOL is written to zero, SCK is low
when idle. Refer to Figure 21-9 and Figure 21-10.
The CPOL functionality is summarized below:
• Bit 1 - HSMSTR: High Speed Master/Slave Select Bit
This bit selects the Master HSSPI mode when set (one), and Slave HSSPI mode when cleared
(zero).
This bit is cleared by software or by hardware when the HSSPICFG.SPIEN gets cleared (dis-
abling the HSSPI).
• Bit 0 - HSSPIEN: High Speed SPI Enable Bit
When this bit is set (one), the HSSPI Controller is enabled with the predefined configuration.
When this bit is cleared (zero), the HSSPI Controller is disabled and HSSPICFG.HSMSTR is
driven low.
21.5.2
HSSPIIR - HSSPI Interrupt Register
• Bit 7 - TIMEOUT: Timeout Interrupt Bit
This bit is set (one) when a Timeout occurs. An interrupt is generated if HSSPIIER.TIMEOUTIE
is set and global interrupt is enabled.
This bit is cleared by software or by hardware when the HSSPICFG.SPIEN is toggled (enabling
or disabling the HSSPI).
• Bit 6 - BTD: Byte Transfer Done Bit
Table 21-3.
CPHA Configuration
CPHA
Leading edge
Trailing edge
0
Sample
Setup
1Setup
Sample
Table 21-4.
CPOL Configuration
CPOL
Leading edge
Trailing edge
0
Rising
Falling
1
Falling
Rising
Configuring and activating the HSSPI peripheral with the same instruction is a valid
action.
Note
Bit
7654
3
2
1
0
$0000DA
TIMEOUT
BTD
RCVOF
NSSRE
NSSFE
-
-
-
HSSPIIR
Read/write
R/W
R/W
R/W
R/W
R/W
R
R
R
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com