Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 287 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 287 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 283Page - ATMEL Corporation AT90SCR100 Datasheet HTML 284Page - ATMEL Corporation AT90SCR100 Datasheet HTML 285Page - ATMEL Corporation AT90SCR100 Datasheet HTML 286Page - ATMEL Corporation AT90SCR100 Datasheet HTML 287Page - ATMEL Corporation AT90SCR100 Datasheet HTML 288Page - ATMEL Corporation AT90SCR100 Datasheet HTML 289Page - ATMEL Corporation AT90SCR100 Datasheet HTML 290Page - ATMEL Corporation AT90SCR100 Datasheet HTML 291Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 433 page
background image
287
TPR0327AY–SMS–30Jan09
AT90SCR100
21.5
HSSPI Interface Registers
21.5.1
HSSPICFG - HSSPI Config Register
• Bits 7..5 - SPICKDIV2..0: SPI Clock Divider Ratio Bits
Defines the HSSPI Clock divider ratio.
The following table gives, for each combination of SPICKDIV2, SPICKDIV1 and SPICKDIV0, the
division applied to the clock. Figure 7-1 on page 31 gives information about the clock tree and
base frequency for HSSPI.
Note:
1. Base frequency is clkIO = 96Mhz
• Bit 4 - DPRAM: DPRAM Bit
When set (one), this bit enables the DPRAM/HSSPIDMA systems.
When cleared (zero), this bit disables the DPRAM/HSSPIDMA systems.
• Bit 3 - HSCPHA: High Speed Clock PHAse Bit
The settings of the clock phase bit (CPHA) determine if data is sampled on the leading (first) or
trailing (last) edge of HSSCK. Refer to Figure 21-9 and Figure 21-10.
Bit
7
6
5
4
3
2
1
0
$0000D9
SPICKDIV [2..0]
DPRAM
HSCPHA HSCPOL
HSMSTR
HSSPIEN
HSSPICFG
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
1
0
0
0
0
0
0
0
0x80
Table 21-2.
HSSPI dividers(1)
SPICKDIV2
SCKCKDIV1
SCKCKDIV0
Divider
External clock divider ratio(1)
00
0
4
24 Mhz
00
1
5
19.2 Mhz
01
0
6
16 Mhz
01
1
8
12 Mhz
10
0
12
8 Mhz
10
1
24
4 Mhz
11
0
48
2 Mhz
11
1
96
1 Mhz
Any attempt at modifying the HSSPICFG.SPICKDIV value once the HSSPI Con-
troller is enabled will not affect the HSSPI Clock frequency.
After a DPRAM is disabled, the DPRAM is reset. This reset is active for two clock
cycles of the DPRAM clock. It is recommended to do nothing on the DPRAM dur-
ing these two clock cycles.
Note
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com