Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 291 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 291 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 287Page - ATMEL Corporation AT90SCR100 Datasheet HTML 288Page - ATMEL Corporation AT90SCR100 Datasheet HTML 289Page - ATMEL Corporation AT90SCR100 Datasheet HTML 290Page - ATMEL Corporation AT90SCR100 Datasheet HTML 291Page - ATMEL Corporation AT90SCR100 Datasheet HTML 292Page - ATMEL Corporation AT90SCR100 Datasheet HTML 293Page - ATMEL Corporation AT90SCR100 Datasheet HTML 294Page - ATMEL Corporation AT90SCR100 Datasheet HTML 295Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 433 page
background image
291
TPR0327AY–SMS–30Jan09
AT90SCR100
21.5.6
HSSPITDR - HSSPI Transmit Data Register
• Bits 7..0 - HSSPITDD7..0: Transmit Data value
This register is used only when the DPRAM mode is disabled.
The HSSPI Transmit Data register is a write register used for data transmission from the register
file to the HSSPI Shift register. Writing to the register initiates data transmission.
21.5.7
HSSPIRDR - HSSPI Received Data Register
• Bits 7..0 - HSSPIRDD7..0: Receive Data value
This register is used only when the DPRAM mode is disabled.
The HSSPI Receive Data register is a read register used for data reception to the register file
from the HSSPI Shift register. Reading this register causes the Shift Register holding the first
received data to be read.
21.5.8
HSSPIGTR - HSSPI Guard Time Register
• Bits 7..0 - HSSPIGTD7..0: Guard Time value
The HSSPI Guard Time register value is the number of HSSPI clock cycles to be inserted
between characters, in master mode only.
21.5.9
HSSPICNT - HSSPI Byte Count Register
• Bits 4..0 - HSSPICNTD4..0 : Number of byte received or to send
This register is used only when DPRAM mode is activated.
Writing this register specifies the number of bytes to be sent and received for the current
received and transmit buffers.
Bit
7
6543210
$0000D7
HSSPITDD [7..0]
HSSPITDR
Read/write
WWWWWWWW
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6543210
$0000D6
HSSPIRDD [7..0]
HSSPIRDR
Read/write
RRRRRRRR
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6543210
$0000D5
HSSPIGTD [7..0]
HSSPIGTR
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6543210
$0000D3
-
-
-
HSSPICNTD [4..0]
HSSPICNT
Read/write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com