Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 290 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 290 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 286Page - ATMEL Corporation AT90SCR100 Datasheet HTML 287Page - ATMEL Corporation AT90SCR100 Datasheet HTML 288Page - ATMEL Corporation AT90SCR100 Datasheet HTML 289Page - ATMEL Corporation AT90SCR100 Datasheet HTML 290Page - ATMEL Corporation AT90SCR100 Datasheet HTML 291Page - ATMEL Corporation AT90SCR100 Datasheet HTML 292Page - ATMEL Corporation AT90SCR100 Datasheet HTML 293Page - ATMEL Corporation AT90SCR100 Datasheet HTML 294Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 433 page
background image
290
TPR0327AY–SMS–30Jan09
AT90SCR100
21.5.4
HSSPICR - HSSPI Control Register
• Bit 2 - STTTO: Start Time-Out
When set (one), this will rearm the time-out timer and start it once the first byte is received
When cleared (zero), no action is performed.
• Bit 1 - RETTO: Rearm Timeout Interrupt Enable Bit
When set (one), this will rearm the time-out timer, giving more time to receive the next byte.
When cleared (zero), no action is performed.
• Bit 0 - CS: SPI CS Bit
When set (one), the HSSPI HSSS pin is set (one).
When cleared (zero), the SPI HSSS pin is cleared (zero).
21.5.5
HSSPISR - HSSPI Status Register
• Bit 4 - DPRAMRDY: DPRAM Ready Bit
When this bit is set (one), the DPRAM is running and operational.
When this bit is cleared (zero), the DPRAM is not available.
• Bit 3 - NSS: NSS Bit
Status of the HSSS pin
• Bit 2 - RXBUFF: Reception Buffer Full Bit
When this bit is set (one), all reception buffers are full.
• Bit 1 - TXBUFE: Transmission Buffer Empty Bit
When this bit is set (one), all transmission buffers are empty.
• Bit 0 - SPICKRDY: SPI Clock Ready Bit
When this bit is set (one), the HSSPI Controller is running and operational.
When this bit is cleared (zero), the HSSPI Controller is not available.
Bit
76543210
$0000DB
-----
STTTO
RETTO
CS
HSSPICR
Read/write
RRRRR
W
W
W
Initial value
00000000
0x00
Bit
7
6
5
4
3
2
1
0
$0000D8
-
-
-
DPRAMRDY
NSS
RXBUFF
TXBUFE SPICKRDY
HSSPISR
Read/write
R
R
R
R
R
R
R
R
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com