Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 293 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 293 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 289Page - ATMEL Corporation AT90SCR100 Datasheet HTML 290Page - ATMEL Corporation AT90SCR100 Datasheet HTML 291Page - ATMEL Corporation AT90SCR100 Datasheet HTML 292Page - ATMEL Corporation AT90SCR100 Datasheet HTML 293Page - ATMEL Corporation AT90SCR100 Datasheet HTML 294Page - ATMEL Corporation AT90SCR100 Datasheet HTML 295Page - ATMEL Corporation AT90SCR100 Datasheet HTML 296Page - ATMEL Corporation AT90SCR100 Datasheet HTML 297Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 433 page
background image
293
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 21-11.
HSSPIDMA Controller Diagram
21.6.1
HSSPIDMACS - HSSPIDMA Control and Status register
This is the control and status register of the HSSPIDMA controller.
• Bit 2 - HSSPIDMAERR : DMA Error Bit
When starting the HSSPIDMA controller, this bit is cleared (zero) by the hardware if the values in
HSSPIDMADH, HSSPIDMADL and HSSPIDMAB registers are suitable for the HSSPIDMA
operation requested.
This bit can also be cleared(zero) by software.
This bit is set (one) by hardware when starting a HSSPIDMA operation and whenever one of
these following cases occurs:
• The base address contained in the registers HSSPIDMADH and HSSPIDMADL is incorrect
(out of the allowed range).
• According to the values of the registers HSSPIDMADH, HSSPIDMADL and HSSPIDMAB
and even if the base address is correct, an address out of the allowed range is going to be
reached.
When a HSSPIDMA operation is started, the AVR is automatically stopped. At the
end of the HSSPIDMA operation, the application software automatically restarts
where it left (actually with the instruction following the launching of the HSSPIDMA
operation). Thus the application software does not need to wait for an interrupt or
to need poll the end of the HSSPIDMA operation.
RAM
Reception DPRAM
Automatic Switch
$100
$10FF
16 bytes
16 bytes
HSSPIDMACS.DMAR
0
1
HSSPIDMACS.DMADIR
0
1
HSSPIDMACS.DMAERR
DMAD
DMA Controller Diagram
Transmission DPRAM
Automatic Switch
16 bytes
16 bytes
HSSPIDMACS.DMAR
0
1
Note
Bit
7
6
5
4
3
2
1
0
$0000DC
-
-
-
-
-
HSSPIDMAERR
HSSPIDMADIR
HSSPIDMAR
HSSPIDMACS
Read/write
R
R
R
R
R
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com