Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 295 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 295 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 291Page - ATMEL Corporation AT90SCR100 Datasheet HTML 292Page - ATMEL Corporation AT90SCR100 Datasheet HTML 293Page - ATMEL Corporation AT90SCR100 Datasheet HTML 294Page - ATMEL Corporation AT90SCR100 Datasheet HTML 295Page - ATMEL Corporation AT90SCR100 Datasheet HTML 296Page - ATMEL Corporation AT90SCR100 Datasheet HTML 297Page - ATMEL Corporation AT90SCR100 Datasheet HTML 298Page - ATMEL Corporation AT90SCR100 Datasheet HTML 299Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 433 page
background image
295
TPR0327AY–SMS–30Jan09
AT90SCR100
21.6.2
HSSPIDMAD - HSSPIDMA ADdress registers
• Bits 7..6 - Res: Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
• Bits 13..0 - HSSPIDMAD13..0 : HS SPI DMA Address
These bits represents the 14-bit HSSPIDMA Address.
These two registers set the base address in RAM. This address represents the source of the
data to be sent if the HSSPIDMA controller is configured in the emission mode. It represents the
destination to store the data if the HSSPIDMA controller is configured in the receiving mode.
The initial value corresponds to RAM address $000100.
You can address the whole RAM with this parameter. Values in RAM that must not be dumped,
shall be stored out of the HSSPIDMA RAM accessible range.
When starting a HSSPIDMA operation, the hardware will check if the values of HSSPIDMADH,
HSSPIDMADL and HSSPIDMAB registers does not exceed the specific RAM area ($000100 to
$0010FF). If an error is detected, HSSPIDMACS.DMAERR bit is automatically set (one). A
Supervisor RAM Illegal Access Attempt Violation security interrupt (if not masked) is so trig-
gered. HSSPIDMADH, HSSPIDMADL and HSSPIDMAB registers keep their previous value.
21.6.3
HSSPIDMAB - DMA Amount of Bytes Register
This register is dedicated to the amount of bytes to be transferred during the next HSSPIDMA
operation setting.
• Bit 7..5 - Res : Reserved Bits
This bit is reserved bit in the AT90SCR100 and is always read as zero.
Bit
15
1413
1211
10
9
8
$0000DE
-
-
HSSPIDMAD [13..8]
HSSPIDMADH
$0000DD
HSSPIDMAD [8..0]
HSSPIDMADL
Bit
7
6
5
4
3
2
1
0
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
1
0x01
0
0
0
0
0
0
0
0
0x00
After a HSSPIDMA operation, HSSPIDMADH and HSSPIDMADL are set to the
last value reached in RAM and incremented by one. For instance, after a 64-byte
transfer started from base address $000100, HSSPIDMAD equals to $000140
(HSSPIDMADH = $01 and HSSPIDMADL = $40). This feature allows to simplify
registers and bits handlings when several HSSPIDMA operations are to be suc-
cessively performed, which can be the case when getting or sending several
packets.
Note
Bit
7
6543
2
1
0
$00DF
-
-
-
HSSPIDMAB [4..0]
HSSPIDMAB
Read/write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com