Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 294 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 294 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 290Page - ATMEL Corporation AT90SCR100 Datasheet HTML 291Page - ATMEL Corporation AT90SCR100 Datasheet HTML 292Page - ATMEL Corporation AT90SCR100 Datasheet HTML 293Page - ATMEL Corporation AT90SCR100 Datasheet HTML 294Page - ATMEL Corporation AT90SCR100 Datasheet HTML 295Page - ATMEL Corporation AT90SCR100 Datasheet HTML 296Page - ATMEL Corporation AT90SCR100 Datasheet HTML 297Page - ATMEL Corporation AT90SCR100 Datasheet HTML 298Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 433 page
background image
294
TPR0327AY–SMS–30Jan09
AT90SCR100
• The value in the register HSSPIDMAB is greater than the size of the DPRAM (16bytes) for
the HSSPIDMA operation.
When this bit is set, and if the HSSPI interruptions are enabled, an HSSPI interruption is
generated.
• Bit 1- HSSPIDMADIR: DMA Direction Bit:
This bit is set (one) and cleared (zero) by software.
It indicates the direction of the next HSSPIDMA operation transfer between the RAM memory
and the internal DPRAM of HSSPI block.
• If the bit is set (one), the transfer will be from the RAM memory to the current transmission
DPRAM (emission mode). The empty transmission DPRAM will be automatically selected.
• If the bit is cleared (zero), the transfer will be from the current reception DPRAM to the RAM
memory (receiving mode). The firstly filled DPRAM will be selected before the other (more
recently modified).
• Bit 0 - HSSPIDMAR: DMA Run Bit:
This bit is set (one) by software and cleared (zero) by hardware.
This bit controls the HSSPIDMA operation launching.
It is set (one) by software when a HSSPIDMA operation is to be performed.
It is cleared (zero) by hardware at the end of the operation.
Don’t forget to clear the HSSPIDMACS.DMAERR bit before leaving the interrup-
tion routine to avoid repetitive and endless interruptions.
The software does not need to poll this bit in order to detect the end of the HSSPI-
DMA operation. Indeed, when the HSSPIDMACS.DMAR bit is set by the software,
the AVR is automatically stopped. When the end of the HSSSPIDMA operation is
reached, the AVR then automatically executes the instructions following the set-
ting of the bit HSSPIDMACS.DMAR.
A HSSPIDMA operation can not be interrupted because the CPU is not available
during this time.
Caution
!
Note
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com