Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 281 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 281 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 277Page - ATMEL Corporation AT90SCR100 Datasheet HTML 278Page - ATMEL Corporation AT90SCR100 Datasheet HTML 279Page - ATMEL Corporation AT90SCR100 Datasheet HTML 280Page - ATMEL Corporation AT90SCR100 Datasheet HTML 281Page - ATMEL Corporation AT90SCR100 Datasheet HTML 282Page - ATMEL Corporation AT90SCR100 Datasheet HTML 283Page - ATMEL Corporation AT90SCR100 Datasheet HTML 284Page - ATMEL Corporation AT90SCR100 Datasheet HTML 285Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 433 page
background image
281
TPR0327AY–SMS–30Jan09
AT90SCR100
21.2.2
SPI Controller Configured as a Slave
21.2.2.1
One byte sending using shift register (without DPRAM)
If the DPRAM is not activated (HSSPICFG.DPRAM bit cleared), the software may update the
contents of the HSSPI Transmit Data Register, SPITDR, that will be shifted out by incoming
clock pulses on the clock pin. As soon as the byte has been completely shifted, the Byte transfer
Done flag (HSSPIIR.BTD) is set. If global interrupt and the HSSPIIER.BTDIE bit have been previ-
ously set, an interrupt is generated.
At this stage, the Slave can read the HSSPIRDR register to retrieve the byte sent by the other
device. The HSSPICFG.BTD flag must then be cleared by software.
Figure 21-5.
HSSPI - Slave without DPRAM activated
Clear BTD (HSSPIIR)
(mandatory if IRQ mode)
Data to send?
YES
NO
Wait SPICKRDY
(HSSPISR)
Write data to send
into HSSPITDR
Configure CPOL, CPHA,
MSTR=0,
SPIEN, DPRAM=0,
BTDIE (if IRQ mode)
Wait BTD
(HSSPIIR)
Data to receive?
Wait BTD
(HSSPIIR)
Read data from HSSPIRDR
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com