Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 277 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 277 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 273Page - ATMEL Corporation AT90SCR100 Datasheet HTML 274Page - ATMEL Corporation AT90SCR100 Datasheet HTML 275Page - ATMEL Corporation AT90SCR100 Datasheet HTML 276Page - ATMEL Corporation AT90SCR100 Datasheet HTML 277Page - ATMEL Corporation AT90SCR100 Datasheet HTML 278Page - ATMEL Corporation AT90SCR100 Datasheet HTML 279Page - ATMEL Corporation AT90SCR100 Datasheet HTML 280Page - ATMEL Corporation AT90SCR100 Datasheet HTML 281Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 433 page
background image
277
TPR0327AY–SMS–30Jan09
AT90SCR100
21. High-Speed SPI Controller
This High Speed SPI (HSSPI) Interface comes with 4 dedicated pads (HSMISO, HSMOSI,
HSSCK, HSSS).
21.1
Features
• Support clock up to 20Mhz in Master and Slave Mode
• Full-duplex, 4-wire Synchronous Data Transfer
• Master or Slave Operation
• Transmission / Reception
• Three sources of Interrupt: Byte Transmitted, Time-out and Reception Overflow
• Specific DMA for fast copy from internal DPRAM to RAM
• 4 DPRAM buffers of 16 bytes each: 2 for Reception and 2 for Transmission
• Internal Double Buffering for high performance
• Programmable clock and inter-bytes (guardtime) delays
Figure 21-1.
HSSPI Block Diagram
21.2
Description
The interconnection between Master and Slave CPUs with HSSPI is shown in Figure 21-2.
The HSSPI Controller is enabled by setting the HSSPICFG.SPIEN bit (by default, the HSSPI
Controller is in Slave mode) and fully operational when the HSSPISR.SPICKRDY bit is set. To
select the frequency of the HSSPI clock, the HSSPICFG.SPICKDIV bits (described in page 287)
HSSPI Clock (Master)
Msb
Lsb
HSSPI Status Register
HSSPI Control Register
HSSPI Interrupt
Request
HSSPI Controller
DPRAM
Buffer
Clock
Internal
Data Bus
32
32
32
HSMISO
S
M
HSMOSI
HSSCK
M
S
S
M
Msb
Lsb
Rx 8-Bit Shift Register
Tx 8-Bit Shift Register
S
M
HSSS
clk
HSSPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com