Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 279 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 279 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 275Page - ATMEL Corporation AT90SCR100 Datasheet HTML 276Page - ATMEL Corporation AT90SCR100 Datasheet HTML 277Page - ATMEL Corporation AT90SCR100 Datasheet HTML 278Page - ATMEL Corporation AT90SCR100 Datasheet HTML 279Page - ATMEL Corporation AT90SCR100 Datasheet HTML 280Page - ATMEL Corporation AT90SCR100 Datasheet HTML 281Page - ATMEL Corporation AT90SCR100 Datasheet HTML 282Page - ATMEL Corporation AT90SCR100 Datasheet HTML 283Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 433 page
background image
279
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 21-3.
HSSPI - Master without DPRAM operation
21.2.1.2
Buffer sending with DPRAM and HSSPIDMA (DPRAM mode)
When the DPRAM is activated (HSSPICFG.DPRAM bit set), the data to be sent must be written
to one of the internal DPRAM buffers using the HSSPIDMA. To do so, use the HSSPIDMA
mechanism to copy HSSPIDMAB bytes from RAM to DPRAM. It is not possible to copy more
than 16 bytes per copy. The DPRAM targeted by the copy is totally transparent to the user.
Once this is done, the number of bytes to be transmitted is written to the HSSPICNT register.
The HSSPI interface will start to shift this number of bytes from the master to the slave and from
the slave to the master simultaneously. If the HSSPISR.TXBUFE = 1, new data can be copied in
the second buffer using HSSPIDMA again. After shifting all the bytes of one buffer, the Byte
Transfer Done flag (HSSPIIR.BTD) is set. If the HSSPI interrupt enable bit and the HSSPI-
IER.BTDIE bit have been previously set, an interrupt is generated.
Clear BTD (HSSPIIR)
(mandatory if IRQ mode)
Data to receive?
Configure SPI Guard Time
(HSSPIGTR)
Configure SPICK frequency
(HSSPIFG)
Read data from HSSPIRDR
YES
NO
Wait HSSPICKRDY
Write data to send
into HSSPITDR
Configure CPOL,
CPHA, MSTR=1,
SPIEN, DPRAM=0,
BTDIE (if IRQ mode)
Wait BTD (HSSPIIR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com